Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1142CA0A-E6T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-1142CA0A-E6T2U
Description  Built-in thermal shutdown circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142CA0A-E6T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-1142CA0A-E6T2U Datasheet HTML 1Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 2Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 3Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142CA0A-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_01
S-1142C/DxxA Series
5
Pin Configuration
1. HSOP-6
13
2
4
65
Top view
Table 3
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
NC*1
No connection
5
VSS
GND pin
6
VIN
Input voltage pin
1.
The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
Figure 2


Similar Part No. - S-1142CA0A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142CA0H-E6T2U SII-S-1142CA0H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results

Similar Description - S-1142CA0A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com