Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76IN1680SE40K Datasheet(PDF) 9 Page - Kemet Corporation

Part # R76IN1680SE40K
Description  Polypropylene Pulse/High Frequency Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76IN1680SE40K Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R76IN1680SE40K Datasheet HTML 5Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 6Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 7Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 8Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 9Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 10Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 11Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 12Page - Kemet Corporation R76IN1680SE40K Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3034_R76 • 2/24/2016
9
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Environmental Test Data
Damp Heat, Steady
State Test
Test Conditions:
Performances
Temperature:
Relative humidity (RH):
Test duration:
+40°C±2°C
93% ± 2%
56 days
│ΔC/C│≤2%,
Δtanδ≤0.001@1kHz
IRaftertest≥50%ofinitiallimit
Endurance Test
Test Conditions
Performances
Temperature:
Voltage applied:
Test duration:
+85°C±2°C
1.25 x V
R (DC)
2,000 hours
│ΔC/C│≤2%,
Δtanδ≤0.001@10kHzforC≤1µF
Δtanδ≤0.001@1kHzforC>1µF
IRaftertest≥50%ofinitiallimit
Resistance to Soldering
Heat Test
Test Conditions
Performances
Solder bath temperature:
Dipping time (with heat
screen):
260°C±5°C
10 seconds ±1 second
│ΔC/C│≤1%,
Δtanδ≤0.001@10kHzforC≤1µF
Δtanδ≤0.001@1kHzforC>1µF
IRaftertest≥initiallimit
Environmental Compliance
All KEMET pulse capacitors are RoHS Compliant.


Similar Part No. - R76IN1680SE40K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76IN368050H3J KEMET-R76IN368050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 250 VDC, 105째C, Lead Spacing = 22.5mm
More results

Similar Description - R76IN1680SE40K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
List of Unclassifed Man...
WPP1D1K-F ETC2-WPP1D1K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com