Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA12
Description  Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA12_17 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA12_17 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA12_17 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA12_17 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA12_17 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA12 • PA12A
4
PA12U
load and short circuits to the supply rail or common if the
current limits are set as follows at T
C = 25°C:
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
50V
.30A
2.4A
40V
.58A
2.9A
35V
.87A
3.7A
30V
1.5A
4.1A
25V
2.4A
4.9A
20V
2.9A
6.3A
15V
4.2A
8.0A
These simplified limits may be exceeded with further analysis
using the operating conditions for a specific application.
CURRENTLIMITING
Refer to Application Note 9, "Current Limiting", for details of
both fixed and foldover current limit operation. Visit the Apex
Microtechnology web site at www.apexanalog.com for a copy
of the Power Design spreadsheet (Excel) which plots current
limits vs. steady state SOA. Beware that current limit should
be thought of as a +/–20% function initially and varies about
2:1 over the range of –55°C to 125°C.
For fixed current limit, leave pin 7 open and use equations
1 and 2.
R
CL = 0.65/LCL
(1)
I
CL = 0.65/RCL
(2)
Where:
I
CL is the current limit in amperes.
R
CL is the current limit resistor in ohms.
For certain applications, foldover current limit adds a slope
to the current limit which allows more power to be delivered
to the load without violating the SOA. For maximum foldover
slope, ground pin 7 and use equations 3 and 4.
0.65 + (Vo * 0.014)
I
CL =
(3)
R
CL
0.65 + (Vo * 0.014)
R
CL =
(4)
I
CL
Where:
Vo is the output voltage in volts.
Most designers start with either equation 1 to set R
CL for the
desired current at 0v out, or with equation 4 to set R
CL at the
maximum output voltage. Equation 3 should then be used to
plot the resulting foldover limits on the SOA graph. If equa-
tion 3 results in a negative current limit, foldover slope must
be reduced. This can happen when the output voltage is the
opposite polarity of the supply conducting the current.
In applications where a reduced foldover slope is desired,
this can be achieved by adding a resistor (R
FO) between pin
7 and ground. Use equations 4 and 5 with this new resistor
in the circuit.
Vo * 0.14
0.65 +
10.14 + R
FO
I
CL =
(5)
R
CL
Vo * 0.14
0.65 +
10.14 + R
FO
R
CL =
(6)
I
CL
Where:
R
FO is in K ohms.
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation.Visit www.apexanalog.com for design tools that
help automate tasks such as calculations for stability, internal
power dissipation, current limit; heat sink selection; Apex Mi-
crotechnology’s complete Application Notes library; Technical
Seminar Workbook; and Evaluation Kits.
SAFEOPERATINGAREA(SOA)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the transistor geometry
and the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceeds specified limits.
3. The junction temperature of the output transistors.
The SOA curves combine the effect of all limits for this Power
Op Amp. For a given application, the direction and magnitude
of the output current should be calculated or measured and
checked against the SOA curves. This is simple for resistive
loads but more complex for reactive and EMF generating
loads. However, the following guidelines may save extensive
analytical efforts.
1. Capacitive and dynamic* inductive loads up to the following
maximum are safe with the current limits set as specified.
CAPACITIVE LOAD
INDUCTIVE LOAD
±V
S
I
LIM = 5A
I
LIM = 10A
I
LIM = 5A
I
LIM = 10A
50V
200µF
125µF
5mH
2.0mH
40V
500µF
350µF
15mH
3.0mH
35V
2.0mF
850µF
50mH
5.0mH
30V
7.0mF
2.5mF
150mH
10mH
25V
25mF
10mF
500mH
20mH
20V
60mF
20mF
1,000mH
30mH
15V
150mF
60mF
2,500mH
50mH
*If the inductive load is driven near steady state conditions,
allowing the output voltage to drop more than 8V below the
supply rail with I
LIM = 15A or 25V below the supply rail with ILIM
= 5A while the amplifier is current limiting, the inductor must
be capacitively coupled or the current limit must be lowered
to meet SOA criteria.
2. The amplifier can handle any EMF generating or reactive
T
C =
25°C
T
C =
125°C
T
C =
85°C
THERMAL
SECOND BREAKDOWN
SOA
20
50
70
100
40
30
10
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE, V
S - VO (V)
15
.6
.4
10
6.0
4.0
2.0
3.0
.3
1.0


Similar Part No. - PA12_17

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1211.101NLT PULSE-PA1211.101NLT Datasheet
1Mb / 4P
   Power Beads
PA1211.101NLT PULSE-PA1211.101NLT Datasheet
1Mb / 5P
   SMT Power Inductors
PA1211.151NLT PULSE-PA1211.151NLT Datasheet
1Mb / 4P
   Power Beads
PA1211.151NLT PULSE-PA1211.151NLT Datasheet
1Mb / 5P
   SMT Power Inductors
PA1211.221NLT PULSE-PA1211.221NLT Datasheet
1Mb / 4P
   Power Beads
More results

Similar Description - PA12_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com