Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQ0026P Datasheet(PDF) 1 Page - E-SWITCH

Part # XQ0026P
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XQ0026P Datasheet(HTML) 1 Page - E-SWITCH

  XQ0026P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PBH4UEENAGV1RDGR
2:1
10/2/2006
XQ0026P
A
TN
1
1
P.C. MOUNTING
CIRCUIT: 4PDT
22.20
[.874 in]
7.30
[.287 in]
9.09
[.358 in]
15.59
[.614 in]
9.10
[.358 in]
4.00
[.157 in]
6.20
[.244 in]
2.50
[.098 in]
TYP
.60
[.024 in]
TYP
2.50
[.098 in]
.35
[.014 in]
TYP
5.00
[.197 in]
2.50
[.098 in]
n1.00
[.039 in]
2.50
[.098 in]
2
13
5
46
A
16500
RELEASED FOR PRODUCTION
10/02/2006
TN
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING 0.1A @30V DC
5. MATERIALS:
CONTACT/TERMINALS: SILVER PLATE
HOUSING: PBT UL94VO
BASE: PA66 UL94VO
ACTUATOR: PA66 UL94VO
CAP: ABS UL94V0
6. CONTACT RESISTANCE: 100 MILLI-OHM (INITIAL)
7. TIMING: NON-SHORTING
8. OPERATING FORCE: 280
`50GF
9. TRAVEL: LATCHING
2MM TO LOCK
3MM OVERALL
10. ELECTRICAL LIFE: 10000 CYCLES
11. OPERATING TEMP: -20
~C TO +70~C
12. 2002/95/EC (ROHS) COMPLIANT
13.
DENOTES CRITICAL PARAMETER.
32
1
1 7
7.00
[.276 in]
4
5
6
8
79
11
10
12
PBH4UEENAGVX
(Q960012)
1RDGR
(Q800304)
4.84
[.190 in]


Similar Part No. - XQ0026P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XQ0020P E-SWITCH-XQ0020P Datasheet
43Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XQ0021P E-SWITCH-XQ0021P Datasheet
131Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XQ0022P E-SWITCH-XQ0022P Datasheet
123Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XQ0023P E-SWITCH-XQ0023P Datasheet
109Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XQ0024P E-SWITCH-XQ0024P Datasheet
149Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XQ0026P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com