Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2806-1 Datasheet(PDF) 5 Page - NEC

Part # PS2806-1
Description  HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2806-1 Datasheet(HTML) 5 Page - NEC

  PS2806-1 Datasheet HTML 1Page - NEC PS2806-1 Datasheet HTML 2Page - NEC PS2806-1 Datasheet HTML 3Page - NEC PS2806-1 Datasheet HTML 4Page - NEC PS2806-1 Datasheet HTML 5Page - NEC PS2806-1 Datasheet HTML 6Page - NEC PS2806-1 Datasheet HTML 7Page - NEC PS2806-1 Datasheet HTML 8Page - NEC PS2806-1 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Frequency, f (kHz)
Time, (Hr)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
FREQUENCY RESPONSE
LONG TERM CTR DEGRADATION
IF = 1 mA
VCE = 2 V
RL = 100
0
-5
-10
-15
-20
0.2
0.5
1
2
5
10
20
50
100 200
1.2
1.0
0.8
0.6
0.4
0.2
0
10
102
103
104
105
106
IF = 1 mA (TYP.)
TA = 25 ˚C
TA = 60 ˚C
PS2806-1, PS2806-4


Similar Part No. - PS2806-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2806-1 CEL-PS2806-1 Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-1-A CEL-PS2806-1-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2806-1-F3 CEL-PS2806-1-F3 Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2806-1-F3 RENESAS-PS2806-1-F3 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2806-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com