Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34C86 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC34C86
Description  Quad EIA-422-A Line Receiver CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34C86 Datasheet(HTML) 3 Page - Motorola, Inc

  MC34C86 Datasheet HTML 1Page - Motorola, Inc MC34C86 Datasheet HTML 2Page - Motorola, Inc MC34C86 Datasheet HTML 3Page - Motorola, Inc MC34C86 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC34C86
MOTOROLA
3
AC CHARACTERISTICS (VCC = 4.5 to 5.5 V, TA = – 40 to + 85°C, unless otherwise stated)
Parameter
Symbol
Min
Typ
Max
Unit
Propagation Delay Input to Output, CL = 50 pF, VDIFF = 2.5 V
tPLH
tPHL
18
30
ns
Skew =
 tPHL – tPLH 
Skew
1
ns
Propagation Delay Enable to Output
CL = 50 pF, RL = 1000 Ω, VDIFF = 2.5 V
tPLZ
tPHZ
12
ns
Propagation Delay Enable to Output
CL = 50 pF, RL = 1000 Ω, VDIFF = 2.5 V
tPZL
tPZH
14
ns
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
Figure 1. Test Circuit
4.9 k
S1
VCC
OUTPUT
S2
CL = 49 pF
RL = 2 kΩ
TEST
POINT
OUTPUT
0 V
tPHL
Figure 2. Propagation Delays
1.3 V
1.3 V
0 V
INPUT
tPLH
+ 2.5 V
– 2.5 V
S1 AND S2 CLOSED
Figure 3. Enable and Disable Times
OUTPUT A
1.3 V
tPHZ
OUTPUT B
50%
1.3 V
ENABLE INPUT
50%
VOL
VOH
tPZH
tPLZ
tPZL
3 V —
0 V
S1 OPEN
S2 CLOSED
S1 CLOSED
S2 CLOSED
S1 CLOSED
S2 OPEN
S1 CLOSED
S2 CLOSED
0.5 V
0.5 V
TYPICAL APPLICATIONS
Figure 4. Two–Wire Balanced Systems (EIA–422–A)
+
DATA
DATA
OUTPUT
ENABLE


Similar Part No. - MC34C86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87D MOTOROLA-MC34C87D Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87P MOTOROLA-MC34C87P Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
More results

Similar Description - MC34C86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com