Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1618391-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 4-1618391-2
Description  with 1 form X contacts rated 100A continuous
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1618391-2 Datasheet(HTML) 6 Page - Tyco Electronics

  4-1618391-2 Datasheet HTML 1Page - Tyco Electronics 4-1618391-2 Datasheet HTML 2Page - Tyco Electronics 4-1618391-2 Datasheet HTML 3Page - Tyco Electronics 4-1618391-2 Datasheet HTML 4Page - Tyco Electronics 4-1618391-2 Datasheet HTML 5Page - Tyco Electronics 4-1618391-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tyco Electronics Corporation
Harrisburg, PA
relays.tycoelectronics.com/kilovac
Copyright 2008 by Tyco Electronics Corporation
6-1773450-9 — 5M — A&D/CGX — 04-08
KILOVAC, TE Logo and Tyco Electronics are trademarks.
Export of Tyco Electronics products may require
licensing.
FOR MORE INFORMATION
Technical Support
Internet:
www.tycoelectronics.com
E-mail:
newproducts@tycoelectronics.com
USA:
1-800-522-6752
Canada:
1-905-470-4425
Mexico:
1-800-733-8926
C. America:
52-55-1106-0803
South America:
55-11-2103-6000
Hong Kong:
852-2735-1628
Japan:
81-44-844-8013
UK:
44-208-420-8341


Similar Part No. - 4-1618391-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1618391-2 TEC-4-1618391-2 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
More results

Similar Description - 4-1618391-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
Tyco Electronics
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
logo
TE Connectivity Ltd
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
   CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com