Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S400-X9 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # S400-X9
Description  3 mm Round LED (T-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S400-X9 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  S400-X9 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 6Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 7Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Data Sheet
3 mm Round LED (T-1)
204-15UTC/S400-X9
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 3 of 7
Device Number: DLE-020-361
Established date: 07-25-2005
Established by : Amy Ma
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
--
3.5
4.0
V
Zener Reverse Voltage
Vz
Iz=5mA
5.8
----
----
V
Reverse Current
IR
VR=5V
--
--
50
uA
Luminous Intensity
IV
IF=20mA
2850
----
7150
mcd
Viewing Angle
2θ1/2
IF=20mA
--
25°
--
deg
x
IF=20mA
--
0.29
--
Chromaticity
Coordinates
y
------
--
0.28
--
Luminous Intensity Combination (mcd at 20mA)
IV
Ranks
Y
Z0
Min.
2850
4500
Max.
4500
7150
*Measurement Uncertainty of Luminous Intensity: ±15%
Forward Voltage Combination (V at 20mA)
Group
Rank
Min.
3.00
3.50
Max.
3.50
4.00
*Measurement Uncertainty of Forward Voltage:±0.1V


Similar Part No. - S400-X9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S400-X9 EVERLIGHT-S400-X9 Datasheet
86Kb / 6P
   5.0mm Round Type LED Lamps
S400-X9 EVERLIGHT-S400-X9 Datasheet
94Kb / 7P
   4.6 mm Round LED (T-1)
S400-X9 EVERLIGHT-S400-X9 Datasheet
111Kb / 6P
   4.6mm Round Type LED Lamps
More results

Similar Description - S400-X9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
IDEA.lnc.
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
   T-1, 3 mm Round
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
IUBC2381 IDEA-IUBC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com