Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K41FRA Datasheet(PDF) 10 Page - Rohm

Part # SP8K41FRA
Description  80V NchNch Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K41FRA Datasheet(HTML) 10 Page - Rohm

Back Button SP8K41FRA Datasheet HTML 6Page - Rohm SP8K41FRA Datasheet HTML 7Page - Rohm SP8K41FRA Datasheet HTML 8Page - Rohm SP8K41FRA Datasheet HTML 9Page - Rohm SP8K41FRA Datasheet HTML 10Page - Rohm SP8K41FRA Datasheet HTML 11Page - Rohm SP8K41FRA Datasheet HTML 12Page - Rohm SP8K41FRA Datasheet HTML 13Page - Rohm SP8K41FRA Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP8K41FRA
           
               
Datasheet
l
lMeasurement circuits <It is the same for the Tr1 and Tr2>
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
10/11
20161202 - Rev.001


Similar Part No. - SP8K41FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
   Switching (30V, 9.0A)
SP8K4 ROHM-SP8K4 Datasheet
65Kb / 4P
   Switching (30V, 9.0A)
SP8K4TB ROHM-SP8K4TB Datasheet
65Kb / 4P
   Switching (30V, 9.0A)
More results

Similar Description - SP8K41FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M41FRA ROHM-SP8M41FRA Datasheet
4Mb / 23P
   80V NchPch Power MOSFET
SP8M41HZG ROHM-SP8M41HZG Datasheet
4Mb / 22P
   80V NchPch Power MOSFET
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
SH8KC6 ROHM-SH8KC6 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8KE7 ROHM-SH8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230209 - Rev.002
HP8KB6 ROHM-HP8KB6 Datasheet
2Mb / 14P
   40V NchNch Power MOSFET
20230313 - Rev.002
HP8KE7 ROHM-HP8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230328 - Rev.001
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8KB6 ROHM-SH8KB6 Datasheet
2Mb / 14P
   40V NchNch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com