Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76QR1680SE80J Datasheet(PDF) 3 Page - Kemet Corporation

Part # R76QR1680SE80J
Description  Polypropylene Pulse/High Frequency Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QR1680SE80J Datasheet(HTML) 3 Page - Kemet Corporation

  R76QR1680SE80J Datasheet HTML 1Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 2Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 3Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 4Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 5Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 6Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 7Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 8Page - Kemet Corporation R76QR1680SE80J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3034_R76 • 2/24/2016
3
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
37.5
Standard Lead and Packaging Options
Bulk (Bag)–Short Leads
4+2/-0
SE
Other Lead and Packaging Options
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
Ordering Options Table cont'd
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
7.5
+/-0.4
3.0
+0.1
8.0
+0.1
10.0
+0.2
0.5
+/-0.05
7.5
+/-0.4
4.0
+0.1
9.0
+0.1
10.0
+0.2
0.6
+/-0.05
7.5
+/-0.4
5.0
+0.1
10.5
+0.1
10.0
+0.2
0.6
+/-0.05
7.5
+/-0.4
6.0
+0.1
12.0
+0.1
10.0
+0.2
0.6
+/-0.05
10.0
+/-0.4
4.0
+0.2
9.0
+0.1
13.0
+0.2
0.6
+/-0.05
10.0
+/-0.4
5.0
+0.2
11.0
+0.1
13.0
+0.2
0.6
+/-0.05
10.0
+/-0.4
6.0
+0.2
12.0
+0.1
13.0
+0.2
0.6
+/-0.05
15.0
+/-0.4
4.0
+0.2
10.0
+0.1
18.0
+0.3
0.8
+/-0.05
15.0
+/-0.4
5.0
+0.2
11.0
+0.1
18.0
+0.3
0.8
+/-0.05
15.0
+/-0.4
6.0
+0.2
12.0
+0.1
18.0
+0.3
0.8
+/-0.05
15.0
+/-0.4
7.5
+0.2
13.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
8.5
+0.2
14.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
9.0
+0.2
12.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
10.0
+0.2
16.0
+0.1
18.0
+0.5
0.8
+/-0.05
Note: See Ordering Options Table for lead length (LL/Ho) options.


Similar Part No. - R76QR1680SE80J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QR31004040J KEMET-R76QR31004040J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R76QR3100SE40K KEMET-R76QR3100SE40K Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R76QR3100XX4XX KEMET-R76QR3100XX4XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QR3120XX4XX KEMET-R76QR3120XX4XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QR3150SE30J KEMET-R76QR3150SE30J Datasheet
436Kb / 4P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.15 uF, 5%, 1000 VDC, 85°C, Lead Spacing = 27.5mm
More results

Similar Description - R76QR1680SE80J

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
List of Unclassifed Man...
WPP1D1K-F ETC2-WPP1D1K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com