Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K22FRA Datasheet(PDF) 9 Page - Rohm

Part # SP8K22FRA
Description  45V NchNch Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K22FRA Datasheet(HTML) 9 Page - Rohm

Back Button SP8K22FRA Datasheet HTML 5Page - Rohm SP8K22FRA Datasheet HTML 6Page - Rohm SP8K22FRA Datasheet HTML 7Page - Rohm SP8K22FRA Datasheet HTML 8Page - Rohm SP8K22FRA Datasheet HTML 9Page - Rohm SP8K22FRA Datasheet HTML 10Page - Rohm SP8K22FRA Datasheet HTML 11Page - Rohm SP8K22FRA Datasheet HTML 12Page - Rohm SP8K22FRA Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SP8K22FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.18 Typical Capacitance vs. Drain -
 Source Voltage
Fig.19 Switching Characteristics
Fig.20 Dynamic Input Characteristics
Fig.21 Source Current vs. Source Drain
 Voltage
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
9/11
20161028 - Rev.001


Similar Part No. - SP8K22FRA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K22FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
QS6K21FRA ROHM-QS6K21FRA Datasheet
1Mb / 14P
   Nch 45V 1A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
   Nch 45V 7A Power MOSFET
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
   Nch 45V 4A Power MOSFET
RD3H200SNFRA ROHM-RD3H200SNFRA Datasheet
2Mb / 15P
   Nch 45V 20A Power MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
SP8M24FRA ROHM-SP8M24FRA Datasheet
4Mb / 23P
   45V NchPch Power MOSFET
RTQ020N05TR ROHM-RTQ020N05TR Datasheet
524Kb / 12P
   Nch 45V 2A Power MOSFET
RD3H200SN ROHM-RD3H200SN Datasheet
2Mb / 16P
   Nch 45V 20A Power MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
   Nch 45V 3A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com