Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB-38-70005M Datasheet(PDF) 1 Page - Tyco Electronics

Part # CGB-38-70005M
Description  CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CGB-38-70005M Datasheet(HTML) 1 Page - Tyco Electronics

  CGB-38-70005M Datasheet HTML 1Page - Tyco Electronics CGB-38-70005M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1220
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
CG series
CMOS IC Time Delay Relay
Repeatability to .05%
Choice of timing modes
– Delay on operate
– Delay on release
– Interval on
Knob adjustable
10A output relay with DPDT contacts
Various models time from 0.5 sec. to 100 min.
File E22575
File LR15734
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC;
1/3 HP @ 120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Input Data @ 25
°C
Voltage: 120VAC and 24VDC.
Power Requirement: AC Types: Typically less than 3 VA.
DC Types: Typically less than 3 W.
Transient Protection: Yes.
Reverse Voltage Protection: Yes.
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz.
Between All Other Conductors: 500V rms, 60 Hz.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -10
°C to +55°C.
Mechanical Data
Termination: 8- or 11-pin octal style plug.
Enclosure: Yellow plastic case. Knob adjustable types have dial scale for
reference only.
Sockets: Models with 8-pin base fit either 27E122 or 27E891 (snap-on)
screw terminal sockets. 11-pin types fit either 27E123 or
27E892 (snap-on) screw terminal sockets.
Weight: 8 oz. (227g) approximately.
Timing Modes
Delay on operate – Delay period begins when input voltage is applied. At
the end of the delay period, the relay will operate and will not release until
input voltage is removed. Reset occurs when input voltage is reapplied.
Delay on release – Input voltage must be applied continuously to operate
the internal relay. When the control switch is closed, the relay energizes.
When the control switch is opened, timing begins. When timing is
complete, the relay will de-energize. Time may be reset to zero during
timing by closing the control switch.
Interval on – The relay energizes and timing begins when input voltage is
applied. At the end of the time delay period the relay will de-energize.
Reset is accomplished by removing, then reapplying, the input voltage.
Timing Specifications
Timing Ranges: From 0.5 to 5.0 sec. through 10 to 100 min.
Timing Adjustment: Knob adjustable.
Tolerance (for AC units add
±1/2 cycle 60 Hz.):
Knob Adj. Types:–0, +10% of max. specified at high end of timing range;
+0, –10% of min. specified at low end.
Delta Time (for AC units add
±1 cycle 60 Hz.): ±2%, typ.; ±5%, max.
Repeatability (including first cycle of operation):
AC:
±0.1%, typ.; ±0.5%, max.; but not less than ±16 ms.
DC:
±0.05% typ.; ±0.1% max.; but not less than ±3 ms.
Release Time: 30 ms, typ.; 45 ms, max.
Recycle Time: AC: 40 ms, typ.; 60 ms, max.
DC: 30 ms, typ.; 45 ms, max.
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
TIME
CONTROL
SWITCH
ON
OFF
ON
OFF
N.O. RELAY
CONTACTS
TIME
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
TIME
Input Voltages & Limits @25
°C
Voltage
Nominal
Minimum
Maximum
Type
Voltage
Voltage
Voltage
AC
120
105
130
DC
24
20
32
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage).
AC models will operate on 50 or 60 Hz.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - CGB-38-70005M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CGB-38-70050M MACOM-CGB-38-70050M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
More results

Similar Description - CGB-38-70005M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDB-38-70001 MACOM-CDB-38-70001 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CB-1041B-30 MACOM-CB-1041B-30 Datasheet
50Kb / 2P
   CB series CMOS IC Time Delay Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com