Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAL20V8 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. PAL20V8
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

PAL20V8 Datasheet(HTML) 6 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PALCE20V8
6
Commercial and Industrial Switching Characteristics[2]
20V8
−5
20V8
−7
20V8
−10
20V8
−15
20V8
−25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPD
Input to Output
Propagation Delay[8]
1
51
7.5
1
10
1
15
1
25
ns
tPZX
OE to Output Enable
56
10
15
20
ns
tPXZ
OE to Output Disable
56
10
15
20
ns
tEA
Input to Output
Enable Delay[7]
69
10
15
25
ns
tER
Input to Output
Disable Delay[7,9]
69
10
15
25
ns
tCO
Clock to Output Delay[8]
1
415
1
7
1
10
1
12
ns
tS
Input or Feedback
Set-Up Time
3
7
10
12
15
ns
tH
Input Hold Time
0
0
0
0
0
ns
tP
External Clock Period
(tCO + tS)
7
12
17
22
27
ns
tWH
Clock Width HIGH[7]
3
5
8
8
12
ns
tWL
Clock Width LOW[7]
3
5
8
8
12
ns
fMAX1
External Maximum
Frequency (1/(tCO + tS))
[7,10]
143
83
58
45.5
37
MHz
fMAX2
Data Path Maximum
Frequency
(1/(tWH + tWL))
[7, 11]
166.
6
100
62.5
62.5
41.6
MHz
fMAX3
Internal Feedback Maximum
Frequency (1/(tCF + tS))
[7,12]
166.
6
100
62.5
50
40
MHz
tCF
Register Clock to
Feedback Input[7, 13]
33
6
8
10
ns
tPR
Power-Up Reset Time[7]
1
1
1
1
1
µs
Shaded area contains preliminary information.
Notes:
8.
Min. times are tested initially and after any design or process changes that may affect these parameters.
9.
This parameter is measured as the time after OE pin or internal disable input disables or enables the output pin. This delay is measured to the point at which a previous
HIGH level has fallen to 0.5 volts below VOH min. or a previous LOW level has risen to 0.5 volts above VOL max.
10. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external feedback can operate.
11.
This specification indicates the guaranteed maximum frequency at which the device can operate in data path mode.
12. This specification indicates the guaranteed maximum frequency at which a state machine configuration with internal only feedback can operate.
13. This parameter is calculated from the clock period at fMAX internal (1/fMAX3) as measured (see Note 7 above) minus tS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn