Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60CN2470AA01K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R60CN2470AA01K
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60CN2470AA01K Datasheet(HTML) 1 Page - Kemet Corporation

  R60CN2470AA01K Datasheet HTML 1Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 2Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 3Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 4Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 5Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 6Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 7Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 8Page - Kemet Corporation R60CN2470AA01K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
1
One world. One KEMET
Benefits
• Voltage range: 50 – 1000 VDC
• Capacitance range: 0.001 µF – 150.0 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±5%, ±10%, ±20%
• Climatic category: 55/105/56
• Operatingtemperaturerangeof−55°Cto+105°C
• RoHS compliance and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grades available up to pitch 22.5 mm
Overview
TheR60Seriesisconstructedofmetallizedpolyesterfilm
(wound or stacked technology) with radial leads of tinned
wire. Radial leads are electrically welded to the contact
metal layer on the ends of the capacitor winding. The
capacitor is encapsulated with thermosetting resin in a box
material meeting the UL 94V–0 requirements.
Automotive grade devices are available (up to lead spacing
22.5mm) and meet the demanding Automotive Electronics
Council'sAEC–Q200qualificationrequirements.
Applications
Typical applications include blocking, coupling, decoupling,
bypassing and interference suppression in low voltage
applications such as automotive. Not suitable for across-
the-line application (see Suppressor Capacitors).
General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing,
50 – 1,000 VDC (Automotive Grade)
Part Number System
R60
M
F
2470
AA
60
K
Series
Rated Voltage (VDC)
Length (mm)
Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
Metallized
Polyester
C = 50
D = 63
E = 100
G = 160
I = 250
M = 400
P = 630
Q = 1000
F = 10
I = 15
N = 22.5
R = 27.5
W = 37.5
The last three
digits represent
significantfigures.
Firstdigitspecifies
the number of zeros
to be added.
See Ordering
Options Table
00
01
30
40
50
6A
L0
L1
J = ±5%
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R60CN2470AA01K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60CF4560506AK KEMET-R60CF4560506AK Datasheet
56Kb / 1P
   Capacitor, film, 5.6 uF, /-10% Tol, -55/105C, General Purpose, 50 VDC@85C, Lead Spacing=10 mm
More results

Similar Description - R60CN2470AA01K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com