Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C323C106K5R5HA7301 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C323C106K5R5HA7301
Description  Radial Leaded Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C323C106K5R5HA7301 Datasheet(HTML) 2 Page - Kemet Corporation

  C323C106K5R5HA7301 Datasheet HTML 1Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 2Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 3Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 4Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 5Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 6Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 7Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 8Page - Kemet Corporation C323C106K5R5HA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1050_GOLDMAX_X7R • 11/11/2016
2
Radial Leaded Multilayer Ceramic Capacitors
Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Benefits cont'd
• DC voltage ratings of 25 V, 50 V, 100 V, 200 V and 250 V
• Capacitanceofferingsrangingfrom100pFto10μF
• Available capacitance Tolerances of ±5%, ±10% and ±20%
• Non-polardevice,minimizinginstallationconcerns
• 100%puremattetin-platedleadfinishallowingforexcellentsolderability
• SnPb-platedleadfinishoptionavailableuponrequest(Sn60/Pb40)
• EncapsulationmeetsflamabilitystandardUL94V–0
Applications
Typicalapplicationsincludedecoupling,bypass,filteringandtransientvoltagesuppression.
Application Notes
Thesedevicesarenotrecommendedforuseinovermoldapplicationsand/orprocesses.
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade Ordering Code (C-Spec)
BulkBag
Notrequired(Blank)
12"Tape&Reel(16.0±0.5mmleadlength)
7301
12"Tape&Reel(18.0mmminimumleadlength)
7303
AmmoPack(16.0±0.5mmleadlength)
7305
AmmoPack(18.0mmminimumleadlength)
7317
1
Defaultpackagingis"BulkBag".AnorderingcodeC-Specisnotrequiredfor"BulkBag"packaging.BulkbagoptionisrequiredforSize/StyleC321and
C331.
1
"TapeandReel"packagingoptionisnotavailableforSize/StyleC321andC331.Formoreinformationsee"PackagingQuantities".
1
"AmmoPack"packagingoptionisnotavailableforSize/StyleC321,C331,C350andC356.Formoreinformationsee"PackagingQuantities".
1
"AmmoPack"and"TapeandReel"packagingoptionshavethesameleadtapeconfiguration.Formoreinformationsee"Tape&ReelPackaging
Information".
Qualification/Certification
CommercialGradeproductsaresubjecttointernalqualification.Detailsregardingtestmethodsandconditionsare
referenced in Table 2, Performance & Reliability.


Similar Part No. - C323C106K5R5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C323C103J1G5TA7303 KEMET-C323C103J1G5TA7303 Datasheet
64Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 0.01 uF, 5%, 100 VDC, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C323C103KCR5TA KEMET-C323C103KCR5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R HV, Ceramic, 0.01 uF, 10%, 500 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C323C103MCR5TA KEMET-C323C103MCR5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 20%, 500 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C323C104K1R5TA7301 KEMET-C323C104K1R5TA7301 Datasheet
59Kb / 1P
   Ceramic, GoldMax, 0.1 uF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C323C104K5R5TA KEMET-C323C104K5R5TA Datasheet
60Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C323C106K5R5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com