Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68139R-T1 Datasheet(PDF) 3 Page - NEC

Part # NE68139R-T1
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68139R-T1 Datasheet(HTML) 3 Page - NEC

  NE68139R-T1 Datasheet HTML 1Page - NEC NE68139R-T1 Datasheet HTML 2Page - NEC NE68139R-T1 Datasheet HTML 3Page - NEC NE68139R-T1 Datasheet HTML 4Page - NEC NE68139R-T1 Datasheet HTML 5Page - NEC NE68139R-T1 Datasheet HTML 6Page - NEC NE68139R-T1 Datasheet HTML 7Page - NEC NE68139R-T1 Datasheet HTML 8Page - NEC NE68139R-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.24
9.26
0.73
42
1.70
800
1.67
6.95
0.74
72
1.01
1000
2.18
6.02
0.70
90
0.78
VCE = 2.5 V, IC = 1 mA
500
0.97
13.86
0.66
43
0.46
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.48
10.23
0.74
43
1.35
800
1.90
10.15
0.72
79
0.92
1000
2.15
9.00
0.69
99
0.60
1500
2.70
4.46
0.66
126
0.38
NE68130
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68100
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 8 V, IC = 7 mA
500
1.3
26.42
0.20
91
0.20
1000
1.45
20.54
0.20
148
0.21
2000
2.1
14.41
0.22
178
0.51
4000
3.25
7.76
0.42
-115
0.85
NE68119
TYPICAL NOISE PARAMETERS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
10
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
65
TJ
Operating Junction
Temperature
°C
1502
TSTG
Storage Temperature
°C
-55 to +1503
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. TJ for NE68135 and NE68100 is 200°C.
3. Maximum storage temperature for the NE68135 is
-65 to +150°C.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
NE681 SERIES
VCE = 2.5 V, IC = 3 mA
500
1.00
17.28
0.47
44
0.25
800
1.06
14.35
0.44
83
0.21
1000
1.16
12.69
0.43
100
0.17
1500
1.46
9.50
0.39
130
0.12
2000
1.80
7.70
0.35
177
0.11
2500
2.15
6.03
0.35
-177
0.09
VCE = 8 V, IC = 7mA
500
1.30
20.34
0.29
50
0.27
1000
1.40
13.96
0.25
84
0.18
2000
1.80
8.56
0.25
155
0.16
3000
2.50
5.64
0.48
-167
0.10
4000
3.60
4.50
0.67
-135
0.20
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
1000
1.1
17.33
0.28
71
0.22
2000
1.6
13.60
0.37
160
0.15
4000
3.4
9.25
0.51
-139
0.27
NE68135
TYPICAL NOISE PARAMETERS (TA = 25°C)
VCE = 2.5 V, IC = 0.3 mA
VCE = 2.5 V, IC = 3 mA
VCE = 3 V, IC = 5 mA
800
1.19
9.12
0.59
48
0.35
1000
1.31
10.09
0.56
89
0.30
1500
1.71
7.99
0.50
131
0.16
500
0.92
17.19
0.49
39
0.28
800
1.02
14.23
0.40
68
0.17
1000
1.11
12.78
0.38
87
0.14
1500
1.42
10.30
0.39
134
0.08
2000
1.82
8.24
0.36
165
0.11
500
1.00
19.00
0.37
43
0.20
800
1.10
15.57
0.31
71
0.15
1000
1.19
13.91
0.30
89
0.13
1500
1.40
11.25
0.33
139
0.09
2000
1.70
9.08
0.32
166
0.11
2500
2.05
7.62
0.36
-163
0.13
VCE = 8 V, IC = 7 mA
500
1.10
20.30
0.36
39
0.22
800
1.20
16.82
0.28
64
0.16
1000
1.30
15.10
0.28
81
0.14
1500
1.50
12.35
0.28
130
0.11
2000
1.77
10.21
0.28
158
0.12
2500
2.10
8.85
0.33
-166
0.14
3000
2.40
7.86
0.44
-141
0.16
VCE = 8 V, IC = 7 mA
VCE = 2.5 V, IC = 0.3 mA
VCE = 2.5 V, IC = 1 mA
500
1.10
14.69
0.65
45
0.42
800
1.26
12.73
0.60
80
0.30
1000
1.40
11.29
0.56
99
0.24
1500
1.80
7.40
0.53
123
0.17
2000
2.22
6.14
0.47
166
0.12
2500
2.75
4.89
0.49
-166
0.08


Similar Part No. - NE68139R-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68139R-T1 CEL-NE68139R-T1 Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68139R-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com