Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7360G-J11-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7360G-J11-T
Description  Very few external components
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7360G-J11-T Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7360G-J11-T Datasheet HTML 1Page - Unisonic Technologies TDA7360G-J11-T Datasheet HTML 2Page - Unisonic Technologies TDA7360G-J11-T Datasheet HTML 3Page - Unisonic Technologies TDA7360G-J11-T Datasheet HTML 4Page - Unisonic Technologies TDA7360G-J11-T Datasheet HTML 5Page - Unisonic Technologies TDA7360G-J11-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7360
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R107-072.a
20W BRIDGE/STEREO AUDIO
AMPLIFIER WITH CLIPPING
DETECTOR
DESCRIPTION
The UTC TDA7360 is a new technology class AB Audio Power
Amplifier in the Multiwatt® package. The high power performance
of the UTC TDA7360 is obtained without bootstrap capacitors due
to the fully complementary PNP/NPN output configuration
The audible on/off noise is eliminated by a delayed turn-on
mute circuit, and a novel short circuit protection system prevents
spurious intervention.
The device provides a circuit for the detection of clipping in the
output stages. An open collector output is able to drive systems
with automatic volume control.
FEATURES
* Very few external components
* Without boucherot cells
* Without boostrap capacitors
* High output power
* Very low STAND-BY current
* Fixed gain (20dB stereo)
* Programmable turn-on delay
* Clipping detector
* No switch on/off noise
* STAND-BY function
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
TDA7360L-J11-T
TDA7360G-J11-T
HZIP-11A
Tube


Similar Part No. - TDA7360G-J11-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7360G-J11-T UTC-TDA7360G-J11-T Datasheet
184Kb / 6P
   20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
More results

Similar Description - TDA7360G-J11-T

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
ON Semiconductor
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
MC44608 ONSEMI-MC44608_06 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com