Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68133-T1B Datasheet(PDF) 5 Page - NEC

Part # NE68133-T1B
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68133-T1B Datasheet(HTML) 5 Page - NEC

  NE68133-T1B Datasheet HTML 1Page - NEC NE68133-T1B Datasheet HTML 2Page - NEC NE68133-T1B Datasheet HTML 3Page - NEC NE68133-T1B Datasheet HTML 4Page - NEC NE68133-T1B Datasheet HTML 5Page - NEC NE68133-T1B Datasheet HTML 6Page - NEC NE68133-T1B Datasheet HTML 7Page - NEC NE68133-T1B Datasheet HTML 8Page - NEC NE68133-T1B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE681 SERIES
Collector Current, IC (mA)
Collector Current, IC (mA)
Ambient Temperature, TA (°C)
NE68133
NE68135
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1
2
3
5
7
10
20
30
50
VCE = 8 V
500
300
200
100
70
50
30
20
10
1
2
3
5
7
10
20
30
50
VCE = 8 V
50
30
20
10
7
5
3
2
1
1
2
3
5
7 10
20
30
50
Collector Current, IC (mA)
Collector Current, IC (mA)
VCE = 8 V
f = 2 GHz
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
5
7
10
20
30
50
Collector to Base Voltage, VCB (V)
NE68133
NE68135
400
300
200
100
0
0
50
100
150
200
DC POWER DERATING CURVES
COLLECTOR TO BASE CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
NE68133
NOISE FIGURE
vs. COLLECTOR CURRENT
NE68100 & NE68135
NOISE FIGURE
vs. COLLECTOR CURRENT
VCE = 8 V
f = 1 GHz
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
5
7
10
20
30
50
FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT


Similar Part No. - NE68133-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68133-T1B CEL-NE68133-T1B Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68133-T1B-A CEL-NE68133-T1B-A Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68133-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com