Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE58219 Datasheet(PDF) 3 Page - NEC

Part No. NE58219
Description  NECs NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE58219 Datasheet(HTML) 3 Page - NEC

  NE58219 Datasheet HTML 1Page - NEC NE58219 Datasheet HTML 2Page - NEC NE58219 Datasheet HTML 3Page - NEC NE58219 Datasheet HTML 4Page - NEC NE58219 Datasheet HTML 5Page - NEC NE58219 Datasheet HTML 6Page - NEC NE58219 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NE58219
TYPICAL PERFORMANCE CURVES (TA = 25°C)
30
20
10
0
10
8
6
4
2
0
IB = 120 µA
40 µA
60 µA
80 µA
100 µA
20 µA
14
12
10
8
6
4
2
0
0.5
50
20
10
5
2
1
VCE = 5 V
f = 1 GHz
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Frequency, f (GHz)
INSERTION POWER GAIN AND
MAXIMUM AVAILABLE GAIN vs.
FREQUENCY
20
15
10
5
0
0.1
5
2
1
0.5
0.2
MAG
S|21e|
2
VCE = 5 V
IC = 5 mA
F = 1 MHZ
5.0
2.0
1.0
0.5
0.1
0.2
1
50
20
10
5
2
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector to Base Voltage, VCB (V)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn