Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709079L9PFGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709079L9PFGI
Description  HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709079L9PFGI Datasheet(HTML) 2 Page - Integrated Device Technology

  709079L9PFGI Datasheet HTML 1Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 2Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 3Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 4Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 5Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 6Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 7Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 8Page - Integrated Device Technology 709079L9PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT709089/79S/L
High-Speed 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
TheIDT709089/79isahigh-speed64/32Kx8bitsynchronous Dual-
Port RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneousaccessofanyaddressfrombothports.Registersoncontrol,
data,andaddressinputsprovideminimalsetupandholdtimes.Thetiming
latitudeprovidedbythisapproachallowssystemstobedesignedwithvery
shortcycletimes.
Pin Configuration(1,2,3)
NOTES:
1. A15X is a NC for IDT709079.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
Withaninputdataregister,theIDT709089/79hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by CE0 and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using CMOS high-performance technology, these
devices typically operate on only 950mW of power.
Index
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
709089/79(5)
PN100
3242 drw 02
NC
NC
I/O6R
I/O5R
I/O4R
I/O3R
VCC
I/O2R
I/O0R
GND
VCC
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O3L
I/O1R
I/O7R
GND
NC
NC
NC
NC
A6R
A5R
A4R
A3R
A2R
A1R
A0R
CNTENR
CLKR
ADSR
ADSL
CLKL
CNTENL
A0L
GND
A2L
A3L
A5L
A6L
NC
NC
A1L
A4L
I/O7L


Similar Part No. - 709079L9PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709079L9PFGI RENESAS-709079L9PFGI Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
709079L9PFGI8 RENESAS-709079L9PFGI8 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
More results

Similar Description - 709079L9PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com