Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709169L9BF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 709169L9BF
Description  HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709169L9BF Datasheet(HTML) 3 Page - Integrated Device Technology

  709169L9BF Datasheet HTML 1Page - Integrated Device Technology 709169L9BF Datasheet HTML 2Page - Integrated Device Technology 709169L9BF Datasheet HTML 3Page - Integrated Device Technology 709169L9BF Datasheet HTML 4Page - Integrated Device Technology 709169L9BF Datasheet HTML 5Page - Integrated Device Technology 709169L9BF Datasheet HTML 6Page - Integrated Device Technology 709169L9BF Datasheet HTML 7Page - Integrated Device Technology 709169L9BF Datasheet HTML 8Page - Integrated Device Technology 709169L9BF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT709169/59L
High-Speed 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
C10
I/O3R
D8
I/O8R
C8
PL/
FTR
A9
GND
D9
I/O5R
C9
I/O7R
B9
NC
D10
I/O1R
C7
CE1R
B8
OER
A8
R/
WR
A10
NC
D7
CNTRSTR
B7
NC
A7
NC
B6
NC
C6
CE0R
D6
A5
GND
B5
NC
C5
NC
D5
A11R
A4
NC
B4
A10R
C4
A7R
D4
A2R
A3
A12R
B3
A8R
C3
NC
D3
A1R
D2
CLKR
C2
NC
B2
A5R
A2
A9R
A1
A6R
B1
A4R
C1
A3R
D1
A0R
E1
GND
E2
ADSR
E3
CNTENR
E4
A1L
F1
GND
F2
CLKL
F3
A0L
F4
A3L
G1
CNTENL
G2
NC
G3
A5L
G4
A12L
H1
A2L
H2
A4L
H3
A9L
H4
J1
NC
J2
A7L
J3
A10L
J4
NC
K1
A6L
K2
A8L
K3
A11L
K4
NC
A6
GND
B10
I/O6R
E5
ADSL
E6
GND
E7
I/O4R
E8
I/O2R
E9
I/O0R
E10
VCC
F5
VCC
F6
GND
F8
I/O2L
F9
I/O1L
F10
I/O0L
G5
NC
G6
R/
WL
G7
NC
G8
I/O4L
G9
GND
G10
I/O3L
H5
NC
H6
CE1L
H7
NC
H8
I/O7L
H9
I/O6L
H10
I/O5L
J5
NC
J6
NC
J7
OEL
J8
GND
J9
GND
J10
I/O8L
K5
VCC
K6
VCC
K7
CE0L
K8
CNTRSTL
K9
PL/
FTL
K10
NC
F7
VCC
5653 drw 03
,
06/28/02
A13R(1)
A13L(1)
709169/59BF
BF100
(5)
100-Pin fpBGA
Top View(6)
NOTES:
1. A13 is a NC for IDT709159.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 10mm x 10mm x 1.4mm with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Pin Configurations (con't.)(1,2,3,4)


Similar Part No. - 709169L9BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709169L9BF RENESAS-709169L9BF Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
709169L9BFI RENESAS-709169L9BFI Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results

Similar Description - 709169L9BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com