Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709149S8PFG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 709149S8PFG8
Description  HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709149S8PFG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 709149S8PFG8 Datasheet HTML 2Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 3Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 4Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 5Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 6Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 7Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 8Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 9Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
6.42
IDT709149S
High-Speed 36K (4K x 9-bit) Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Ordering Information
NOTE:
1. Contactyourlocalsalesofficeforindustrialtemprangeforotherspeeds,packagesandpowers.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice.
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
PF
80-pin TQFP (PN80)
8
10
12
XXXX
Device
Type
Speed in nanoseconds
3494 drw 11
S
Standard Power
709149 36K (4K x 9-Bit) Synchronous
Pipelined Dual-Port RAM
Commercial Only
Commercial & Industrial
Commercial Only
A
A
G(2)
Green
Blank
8
Tube or Tray
Tape and Reel
Datasheet Document History
3/8/99:
Initiated datasheet document history
Converted to new format
Cosmetic and typographical corrections
Added additional notes to pin configurations
6/3/99:
Changed drawing format
9/1/99:
RemovedPreliminary
11/10/99:
Replaced IDT logo
5/24/00:
Page 3 Increasedstoragetemperatureparameter
ClarifiedTA parameter
Page 5 DCElectricalparameters–changedwordingfrom"open"to"disabled"
Changed ±200mV to 0mV in notes
01/24/02:
Page 2 Added date revision for pin configuration
Page 3, 4 & 5 Removed Industrial temp footnote from all tables
Page 4 Added Industrial temp to 10ns speed in the column heading and values of DC Electrical Characteristics
Page 5 Corrected a typo in the column heading of AC Electrical Characteristics
Page5AddedIndustrialtempto10nsspeedinthecolumnheadingofACElectricalCharacteristics
Page10AddedIndustrialtempto10nsofferinginorderinginformation
Pages 1& 10 Replaced TM logo with ® logo
01/29/09:
Page 10 Removed "IDT" from orderable part number
04/08/15:
Page 2 RemovedIDTinreferencetofabrication
Page 2 &10 The package code PN80-1 changed to PN80 to match standard package codes
Page 4 CorrectedtypointheTypicalOutputDerating(LumpedCapitiveLoad)diagram
Page 10 AddedTapeandReelandGreenindicatorswiththeirfootnoteannotationstotheOrderingInformation
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com


Similar Part No. - 709149S8PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709149S8PFG8 RENESAS-709149S8PFG8 Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results

Similar Description - 709149S8PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com