Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709149S8PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709149S8PFGI8
Description  HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709149S8PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  709149S8PFGI8 Datasheet HTML 1Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 2Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 3Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 4Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709149S8PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6.42
IDT709149S
High-Speed 36K (4K x 9-bit) Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
NOTES:
1. All VCC pins must be connected to power supply.
2. All ground pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4, This package code is used to reference the package diagram.
5. This text does not indicate the orientaion of the actual part-marking.
Reference
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
3494 drw 02
IDT709149PF
PN80(4)
80-Pin TQFP
Top View(5)
N/C
A6L
A7L
A8L
A9L
A10L
A11L
N/C
OEL
VCC
R/
WL
N/C
CEL
GND
I/O8L
I/O7L
I/O6L
N/C
A7R
A8R
A9R
A10R
A11R
N/C
OER
GND
GND
R/
WR
N/C
CER
GND
I/O8R
I/O7R
I/O6R
N/C
N/
C
N/C
FT/PIPEDR
VCC
Pin Configurations(1,2,3)
Description
The IDT709149 is a high-speed 4K x 9 bit synchronous Dual-Port
SRAM. The memory array is based on Dual-Port memory cells to allow
simultaneous access from both ports. Registers on control, data, and
address inputs provide low set-up and hold times. The timing latitude
providedbythisapproachwillallowsystemstobedesignedwithveryshort
cycle times. This device has been optimized for applications having
unidirectionaldatafloworbi-directionaldataflowinbursts,byutilizinginput
dataregisters.
TheIDT709149utilizesa9-bitwidedatapathtoallowforparityatthe
user's option. This feature is especially useful in data communication
applications where it is necessary to use a parity bit for transmission/
receptionerrorchecking.
FabricatedusingCMOShigh-performancetechnology,theseDual-
Portstypicallyoperateononly800mWofpowerat maximumhigh-speed
clock-to-data output times as fast as 8ns. An automatic power down
feature,controlledby CE,permitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
The IDT709149 is packaged in an 80-pin TQFP.


Similar Part No. - 709149S8PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709149S8PFGI8 RENESAS-709149S8PFGI8 Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results

Similar Description - 709149S8PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com