Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C330C106J3R5HA7301 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C330C106J3R5HA7301
Description  Radial Leaded Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C330C106J3R5HA7301 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C330C106J3R5HA7301 Datasheet HTML 7Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 8Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 9Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 10Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 11Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 12Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 13Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 14Page - Kemet Corporation C330C106J3R5HA7301 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1050_GOLDMAX_X7R • 11/11/2016 11
Radial Leaded Multilayer Ceramic Capacitors
Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Table 1E – C34X Style/Size, Capacitance Range Waterfall
C340, C346 Style/Size (0.200" Lead Spacing)
Rated Voltage (VDC)
25
50
100
200
250
Voltage Code
3
5
1
2
A
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.068µF
J = ±5%
K = ±10%
M = ±20%
683*
683*
683*
683*
683*
0.082µF
823*
823*
823*
823*
823*
0.1µF
104*
104*
104*
104*
104*
0.12µF
124*
124*
124*
124*
124*
0.15µF
154*
154*
154*
154*
154*
0.18µF
184*
184*
184*
184
184
0.22µF
224*
224*
224*
224
224
0.27µF
274*
274*
274*
274
274
0.33µF
334*
334*
334*
334
334
0.39µF
394*
394*
394*
394
394
0.47µF
474*
474*
474*
474
474
0.56µF
564*
564*
564*
564
564
0.68µF
684*
684*
684*
684
684
0.82µF
824*
824*
824*
824
824
1.0µF
105*
105*
105*
105
105
1.2µF
125*
125*
125
125
125
1.5µF
155*
155*
155
1.8µF
185*
185*
185
2.2µF
225*
225*
225
2.7µF
275
275
3.3µF
335
335
3.9µF
395
395
4.7µF
475
475
5.6µF
565
565
6.8µF
685
685
8.2µF
825
825
10µF
106
106
Rated Voltage (VDC)
25
50
100
200
250
Voltage Code
3
5
1
2
A
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC340.


Similar Part No. - C330C106J3R5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C330C101JHG5TA KEMET-C330C101JHG5TA Datasheet
125Kb / 4P
   Ceramic Capacitor
C330C102JDG5TA KEMET-C330C102JDG5TA Datasheet
125Kb / 4P
   Ceramic Capacitor
C330C102JHR5TA KEMET-C330C102JHR5TA Datasheet
125Kb / 4P
   Ceramic Capacitor
C330C102JHR5TA KEMET-C330C102JHR5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1000 pF, 5%, 3,000 V, X7R, Lead Spacing = 5.08mm
2017/04/20
C330C102JHR5TA KEMET-C330C102JHR5TA_17 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1000 pF, 5%, 3,000 V, X7R, Lead Spacing = 5.08mm
2017/04/20
More results

Similar Description - C330C106J3R5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com