Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHVP Datasheet(PDF) 1 Page - TT Electronics.

Part # PHVP
Description  Custom design service available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHVP Datasheet(HTML) 1 Page - TT Electronics.

  PHVP Datasheet HTML 1Page - TT Electronics. PHVP Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision High Voltage
Planar Resistors
PHVP Series
Voltageratings5to40kV
Non-inductive,non-magneticdesign
Tolerancedownto0.1%
TCRdownto15ppm/°C
VCRdownto-0.05ppm/V
Customdesignserviceavailable
RoHScompliant
Precision High Voltage Planar Resistors
PHVP Series
Voltage ratings 5 to 40kV
Non-inductive, non-magnetic design
Tolerance down to 0.1%
TCR down to 15ppm/°C
VCR down to -0.05ppm/V
Custom design service available
SMD versions available on request
Gold bondable pads available
RoHS compliant
Electrical Data
PHVP
5
7
7B
10
10B
10C
15
15B
15C
20
20B
20C
30
40
Power rating at 25°C
watts
1
0.8
1
1
1.3
2
1.5
2
3
2
3
4.5
6.5
9
Limiting element voltage in air
kV
5
7
7
10
10
10
15
15
15
20
20
20
30
40
Limiting element voltage in oil*
kV 10
14
14
20
20
20
30
30
30
40
40
40
60
80
Resistance value min
ohms
1K
Resistance value max
ohms 3G
1G
2G5
1G5
3G5
7G
4G
5G
10G
7G
10G
20G
30G
40G
Resistance tolerance
%
≤10G: 0.1%, 0.25%, 0.5%, 1%
>10G: 0.25%, 0.5%, 1%
≤10G: 15, 25, 50
>10G: 25, 50
TCR (25°C to 75°C)
ppm/°C
Standard values
E24 preferred
Ambient temperature range
°
C
-55 to +200
Insulation resistance at 500V
ohms
>10G
Dielectric strength of insulation
volts
>1000
Physical Data
Dimensions in mm, weight in g
Type
L (±0.5)
B (±0.5)
E (Max)
D (±0.5)
C (Max)
Wt. nom
PHVP5
12.7
5.08
2
10.16
10
0.22
PHVP7
20.32
3.81
2
17.78
10
0.55
PHVP7B
20.32
5.08
2.5
17.78
35
0.64
PHVP10
25.4
3.81
2
22.86
10
0.59
PHVP10B
25.4
5.08
2.5
22.86
35
0.68
PHVP10C
25.4
7.62
2.5
22.86
35
0.95
PHVP15
38.1
3.81
2
35.56
10
0.71
PHVP15B
38.1
5.08
2.5
35.56
35
0.85
PHVP15C
38.1
12.7
2.5
35.56
35
1.83
PHVP20
50.8
5.08
2
48.26
10
0.96
PHVP20B
50.8
6.35
2.5
48.26
35
1.12
PHVP20C
50.8
15.24
2.5
48.26
35
2.58
PHVP30
76.2
15.24
3
73.66
35
4.83
PHVP40
101.6
15.24
3
99.06
35
6.37
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn C omponents Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
07.11
Construction
Termination conductors and ruthenium oxide resistive
material are printed in a non-inductive pattern onto the
surface of a 96% alumina substrate. A screen-printed
protection is then applied and terminal wires are then
attached.
Terminations
The termination wires are tin coated copper.
Marking
Type reference, resistance value and tolerance are
legend marked. The resistance value code conforms to
IEC 62.
Solvent Resistance
The body protection and marking are resistant to all
normal industrial cleaning solvents suitable for printed
circuits.
Welwyn Components
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - PHVP

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PHV EATON-PHV Datasheet
415Kb / 3P
   Cylindrical pack
logo
Bellnix Co.,Ltd.
PHV BELLNIX-PHV Datasheet
283Kb / 4P
   High efficiency, ultra small size output adjustable high voltage power suppy High Efficiency/l type resonance PWM mwthod 5W high voltage DC-DC converter
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
   High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PHV-5R4H155-R COOPER-PHV-5R4H155-R Datasheet
199Kb / 2P
   Supercapacitors
More results

Similar Description - PHVP

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3120DF-D1R5K-3 CT-CTDD3120DF-D1R5K-3 Datasheet
537Kb / 2P
   Custom service available
logo
TT Electronics.
4500 TTELEC-4500 Datasheet
432Kb / 3P
   customs design service available
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B_10 Datasheet
322Kb / 3P
   xDSL line transformer Custom design is available
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
TT Electronics.
4700 TTELEC-4700 Datasheet
348Kb / 4P
   Custom configuration available
logo
Laird Tech Smart Techno...
FG1523 LSTD-FG1523 Datasheet
1Mb / 1P
   Custom tuning available
logo
Recom International Pow...
RI-XX05S RECOM-RI-XX05S Datasheet
89Kb / 2P
   Custom Solutions Available
RN-XX3.3S RECOM-RN-XX3.3S Datasheet
104Kb / 2P
   Custom Solutions Available
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
logo
Laird Tech Smart Techno...
FG1563 LSTD-FG1563 Datasheet
1Mb / 1P
   Custom tuning available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com