Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1393812-2 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 5-1393812-2
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393812-2 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  5-1393812-2 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 5Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 6Page - TE Connectivity Ltd 5-1393812-2 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
V23062-Axxx, size I type
V23062-Bxxx, size II type
Dimensions
Instructions for Impulse Operation
The maximum voltage stated in the part code table can be increased for
impulse operation as follows:
UII Impuls
UII tambxq
UII tamb
Maximum continuous voltage at ambient temperature tamb
q
Factor
The impulse voltage must not exceed 80% of the test voltage (winding/
frame or winding/winding) or 2.5 times the value of the maximum voltage
listed in the part code table.
IftED ≤ 3s then q=
; IftED = Pulse width, t2 = Cycle time. If tED > 3s the
value of q must be obtained from the nomograph.
Examples of various periodic pulse trains (energizing side)
1. Periodic recurrence of one energizing pulse
2. Periodic recurrence of two unequal energizing pulses
tED = tI + tII
tI + tII = Pulse widths
within one cycle


Similar Part No. - 5-1393812-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1393810-1 TEC-5-1393810-1 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
5-1393810-1 TEC-5-1393810-1 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
5-1393810-4 TEC-5-1393810-4 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
5-1393810-4 TEC-5-1393810-4 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
5-1393810-8 TEC-5-1393810-8 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 5-1393812-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
   Strong magnet system and wide voltage range
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Pepperl+Fuchs Inc.
MT01 PF-MT01 Datasheet
2Mb / 2P
   Magnet system tester
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
   PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com