Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OARS Datasheet(PDF) 5 Page - TT Electronics.

Part # OARS
Description  Open-air design reduces PCB heating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARS Datasheet(HTML) 5 Page - TT Electronics.

  OARS Datasheet HTML 1Page - TT Electronics. OARS Datasheet HTML 2Page - TT Electronics. OARS Datasheet HTML 3Page - TT Electronics. OARS Datasheet HTML 4Page - TT Electronics. OARS Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Procedure
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Numbers:
OARS1-R01JI (OARS1, 10 milliohms ±5%, Pb-free)
OARS-1Z (OARS-1Z, Pb-free)
O A R S
1
-
R
0
1
J
I
1
2
3
4
O A R S
-
1
Z
1
USA (IRC) Part Numbers:
OARS1R010JLF (OARS1, 10 milliohms ±5%, Pb-free)
OARS-1ZLF (OARS-1Z, Pb-free)
O A R S
1
R
0
1
0
J
L F
1
2
3
4
O A R S
-
1
Z
L
F
1
2
1
2
3
4
Type
Value
Tolerance
Termination & Packing
OARS1
3-5 characters
See Electrical Data
R = ohms
F = ±1%
I = Pb-free, Tape & Reel
OARS3
J = ±5%
OARS1, OARS3 1900/reel
OARS-XP
OARS-XP
1200/reel
1
Type
OARS-1Z No value or tolerance applies. Termination is Pb-free. Packing is Tape & Reel, 1900/reel.
1
2
3
4
Type
Value
Tolerance
Termination & Packing
OARS1
4/5 characters
See Electrical Data
R = ohms
F = ±1%
LF = Pb-free
OARS3
J = ±5%
OARS1, OARS3 1900/reel
OARS-XP
OARS-XP
1200/reel
1
2
Type
Termination & Packing
OARS-1Z No value or tolerance applies. LF= Pb-free, Tape & Reel, 1900/reel.
Make Possible
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
11.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - OARS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
OARS-1Z WELWYN-OARS-1Z Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
IRC - a TT electronics ...
OARS-1Z IRCTT-OARS-1Z Datasheet
135Kb / 2P
   Open Air Zero Ohm Jumpers
logo
Welwyn Components Limit...
OARS-XP WELWYN-OARS-XP Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
IRC - a TT electronics ...
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
   Open Air Sense Resistors Metal Alloy Strip
More results

Similar Description - OARS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
   Heating and air conditioning systems
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
   INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
   INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
logo
Maxim Integrated Produc...
MAX30208EVSYS MAXIM-MAX30208EVSYS Datasheet
1Mb / 13P
   Flexible PCB Design
319-100370; Rev 0; 6/19
logo
Axiomtek Co., Ltd.
FDK170-830 AXIOMTEK-FDK170-830 Datasheet
365Kb / 2P
   Front panel open frame design
FDK191-832 AXIOMTEK-FDK191-832 Datasheet
409Kb / 2P
   Front panel open frame design
logo
Schurter Inc.
DENO SCHURTER-DENO_V01 Datasheet
411Kb / 2P
   Ground wire choke, open design
04.01.2022
DENO SCHURTER-DENO_18 Datasheet
409Kb / 2P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com