Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1415053-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 5-1415053-1
Description  4 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1415053-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  5-1415053-1 Datasheet HTML 1Page - TE Connectivity Ltd 5-1415053-1 Datasheet HTML 2Page - TE Connectivity Ltd 5-1415053-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR4 D/M
n
4 pole relay with force guided contacts according to EN 50205
n
Compact design and space efficient
Typical applications
Emergency shut-off, press control, machine control, elevator and escalator
control, safety relays
Approvals
VDE Cert. No. 40005334, UL E214025, TUV 968/EL 230,
CCC 2012010304537809
Technical data of approved types on request
Contact Data
Contact arrangement
3 form A + 1 form B contacts
3 NO + 1 NC
2 form A + 2 form B contacts
2 NO + 2 NC
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
Contact material
AgSnO2
Contact style
single contact, force guided
type A according to EN 50205
Min. recommended contact load
5V/10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/150min-1
Contact ratings, IEC60947-5-1,
on 1 form A (NO) contact
AC15-3A
DC13-3A
Mechanical endurance
10x106 operations
Coil data
Coil voltage range
5 to 110VDC
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.8
0.5
31
806
006
6
4.5
0.6
45
800
009
9
6.8
0.9
101
802
012
12
9.0
1.2
180
800
Coil data (continued)
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
015
15
11.3
1.5
281
801
018
18
13.5
1.8
405
800
021
21
16.0
2.1
551
800
024
24
18.0
2.4
720
800
036
36
27.0
3.6
1620
800
040
40
30.0
4.0
2000
800
048
48
36.0
4.8
2880
800
060
60
45.0
6.0
4500
800
085
85
63.8
8.5
9031
800
110
110
83.0
11.0
15125
800
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
2500Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥10/10mm
between adjacent contacts
≥3/3.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
basic
F0244-C
Z T


Similar Part No. - 5-1415053-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1415053-1 TEC-5-1415053-1 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
5-1415053-1 TEC-5-1415053-1 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
More results

Similar Description - 5-1415053-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR2M TEC-SR2M Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com