Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1415535-6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 5-1415535-6
Description  Environmentally-friendly cadmium-free contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1415535-6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  5-1415535-6 Datasheet HTML 1Page - TE Connectivity Ltd 5-1415535-6 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay PB (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
version PB1, PB5
according EN60335, par.30
Ambient temperature, DC coil
-40 to +85°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional), form A/form B, 30 to 400Hz
PB1, PB6
>10/4g
PB5
>10/6 g
Shock resistance (destructive)
>100g
Terminal type
PCB-THT
Weight
5.4g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/35 pcs., box/1050 pcs.
PCB layout1) / terminal assignment
Bottom view on solder pins
Dimensions
1)
Layout note:
No openings (e.g. holes, slots, cutouts, unused pins, open through
connections, etc.) allowed under the relay base. The relay base must be
fully covered by the PCB, recommended minimum distance between the
relay and the edge of the printed circuit board is 5 mm.
For more information, please contact our application support.
Product code structure
Typical product code
PB
1
1
4
012
Type
PB Miniature Power PCB Relay PB
Version
1
Standard version
5
500 mW version
6
High performance version (form A version only)
Contact arrangement
1
1 form C contact (1 CO)
3
1 form A contact (1 NO)
Contact material
3
AgSnO
2
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
PB114005
Standard
1 form C
AgNi 90/10
5VDC
6-1415029-1
PB114006
class F
1 CO contact
6VDC
7-1415029-1
PB114012
12VDC
8-1415029-1
PB114024
24VDC
9-1415029-1
PB134005
1 form A
5VDC
1415030-1
PB134006
1 NO contact
6VDC
1-1415030-1
PB134012
12VDC
2-1415030-1
PB134024
24VDC
3-1415030-1
PB514012
500 mW
1 form C
12VDC
2-1415538-5
PB514024
version
1 CO contact
24VDC
5-1415535-6
PB634005
High
1 form A
5VDC
3-1415541-8
PB634006
performance
1 NO contact
6VDC
3-1415541-9
PB634012
version
12VDC
4-1415541-1
PB634024
24VDC
4-1415541-2


Similar Part No. - 5-1415535-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1415535-6 MACOM-5-1415535-6 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
More results

Similar Description - 5-1415535-6

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
   Environmentally Friendly Product
logo
ZETTLER Electronics
RA2 ZETTLER-RA2 Datasheet
226Kb / 3P
   Cadmium - free contacts
logo
List of Unclassifed Man...
RC0402JR-073K3L ETC2-RC0402JR-073K3L Datasheet
309Kb / 9P
   Halogen Free Epoxy Reducing environmentally
logo
Laird Tech Smart Techno...
AA-100-24-44-00-XX LSTD-AA-100-24-44-00-XX Datasheet
1Mb / 3P
   Environmentally friendly solid state operation ??no compressor or CFC refrigerants
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com