Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76TF1680SE30H Datasheet(PDF) 1 Page - Kemet Corporation

Part # R76TF1680SE30H
Description  Polypropylene Pulse/High Frequency Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76TF1680SE30H Datasheet(HTML) 1 Page - Kemet Corporation

  R76TF1680SE30H Datasheet HTML 1Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 2Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 3Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 4Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 5Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 6Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 7Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 8Page - Kemet Corporation R76TF1680SE30H Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3034_R76 • 2/24/2016
1
One world. One KEMET
Benefits
• Voltage range: 250 – 2,000 VDC
• Capacitance range: 100 pF – 15 µF
• Lead Spacing: 7.5 mm – 37.5 mm
• Capacitance tolerance: ±5%, ±10%, ±20%
• Climatic category: 55/105/56 IEC 60068-1
• Operatingtemperaturerangeof−55˚Cto+105˚C
• RoHS compliance and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grades available up to lead spacing
22.5mm
Overview
TheR76Seriesisconstructedofpolypropylenefilmanddouble
metallizedpolyesterfilmaselectrodeswithradialleadsoftinned
wire. The radial leads are electrically welded to the metal layer on
the ends of the capacitor winding. The capacitor is encapsulated
in a self-extinguishing solvent resistant plastic case with
thermosetting resin material meeting the UL 94V–0 requirements.
Two different winding constructions are used depending on
voltage parameters. Please see the Performance Characteristics
for more information.
Automotive grade devices are available (up to lead spacing 22.5
mm) and meet the demanding Automotive Electronics Council's
AEC–Q200qualificationrequirements.
Applications
Typicalapplicationsincludedeflectioncircuitsintelevisions
(S-correctionandflybacktuning)andmonitors,switchingspikes
suppression in switched mode power supplies (SMPS), lamp
capacitors for electronic ballasts and compact lamps, and
snubberandsilicon-controlledrectifier(SCR)commutation
circuits as well as applications with high voltage and high current.
Not suitable for across-the-line application (see Suppressor
Capacitors).
Polypropylene Pulse/High Frequency Capacitors
R76 Series Double Metallized Polypropylene Film, Radial,
DC and Pulse Applications (Automotive Grade)
Part Number System
R76
I
D
1680
SE
30
K
Series
Rated Voltage (VDC) Lead Spacing (mm)
Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
Double
Metallized
Polypropylene
I = 250
M = 400
P = 630
Q = 1,000
T = 1,600
U = 2,000
D = 7.5
F = 10
I = 15
N = 22.5
R = 27.5
W = 37.5
The last three digits
representsignificant
figures.Thefirstdigit
specifiesthetotal
number of zeros to be
added.
See Ordering Options
Table
00
10
30
40
50
60
70
80
H = 2.5%
J = ±5%
K = ±10%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R76TF1680SE30H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76TF16805050J KEMET-R76TF16805050J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, Automotive Grade, 6800 pF, 5%, 1600 VDC, 85째C, Lead Spacing = 10mm
More results

Similar Description - R76TF1680SE30H

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
List of Unclassifed Man...
WPP1D1K-F ETC2-WPP1D1K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com