Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161YP103K630V Datasheet(PDF) 10 Page - Kemet Corporation

Part # F161YP103K630V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161YP103K630V Datasheet(HTML) 10 Page - Kemet Corporation

Back Button F161YP103K630V Datasheet HTML 6Page - Kemet Corporation F161YP103K630V Datasheet HTML 7Page - Kemet Corporation F161YP103K630V Datasheet HTML 8Page - Kemet Corporation F161YP103K630V Datasheet HTML 9Page - Kemet Corporation F161YP103K630V Datasheet HTML 10Page - Kemet Corporation F161YP103K630V Datasheet HTML 11Page - Kemet Corporation F161YP103K630V Datasheet HTML 12Page - Kemet Corporation F161YP103K630V Datasheet HTML 13Page - Kemet Corporation F161YP103K630V Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016 10
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Flux & Cleaning
KEMETrecommendstouseano-cleanfluxwithahalogencontentlowerthan0.1%.
To clean the PCB assembly KEMET recommends to use a suitable solvent like Isopropyl alcohol, deionized water or neutral pH
detergents. Aggressive solvents shall not be used. For any different cleaning solvent used please contact KEMET Technical Services to
analyze the potential impact on KEMET products.
Storage and Moisture Recommendations
KEMET SMD Film Capacitors are supplied in a MBB (Moisture Barrier Bag) Class 1. We can guarantee a 24 months shelf life
(temperature≤40°C/relativehumidity≤90%).AftertheMBBhasbeenopened,componentsmaystayinareaswithcontrolled
temperatureandhumidity(temperature≤30°C/relativehumidity≤60%)for168hours[MSL3].Forlongerperiodsoftimeand/or
higher temperature and/or higher relative humidity values, it is absolutely necessary to protect the components against humidity. If the
reel inside the MBB is partially used, KEMET recommends to re-use the same MBB or to avoid areas without controlled temperature
and humidity (see above). If the above conditions are not respected, components require a baking (minimum time: 48 hours at 55 ±
5°C)beforethereflow.
Packaging Quantities
Chip Size (EIA) Size Code
Base
(mm)
Height
(mm)
Length
(mm)
Bulk
Reel
Horizontal
Orientation
Reel
Vertical
Orientation
2220
PP
5
3
5.7
2000
2400
2220
PU
5
4
5.7
2000
2100
2824
SL
6
3
7.3
2000
2500
2824
SP
6
3.5
7.3
2000
2300
2824
ST
6
4.5
7.3
1000
1700
4036
WP
9.1
5.5
10.2
1000
800
500
5045
YR
11.5
6.5
12.7
1000
600
400
6560
ZS
15
7
16.5
800
500
200


Similar Part No. - F161YP103K630V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
More results

Similar Description - F161YP103K630V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com