Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C878AG35800AA0J Datasheet(PDF) 7 Page - Kemet Corporation

Part # C878AG35800AA0J
Description  Motor Run Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C878AG35800AA0J Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C878AG35800AA0J Datasheet HTML 2Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 3Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 4Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 5Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 6Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 7Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 8Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 9Page - Kemet Corporation C878AG35800AA0J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3063_C87 • 11/20/2015
7
Motor Run Capacitors
C87 Series, Cylindrical Aluminum Case, Overpressure Protection 420 VAC/470 VAC
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down with increased
temperature. For more information, please refer to Performance Characteristics.
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can cause a
breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity environments without
degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and chemicals. These case materials are
somewhat porous and through osmosis can cause contaminants to enter the capacitor. The second area of contaminated absorption
is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires, there can be a path formed up to the lead wire into the
capacitor section. Aqueous cleaning of circuit boards can aggravate this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the barometric
pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected by internal stresses due
to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well as low insulation resistance. Heat
transfer can also be affected by altitude operation. Heat generated in operation cannot be dissipated properly and can result in high RI2
losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric embitterment can
take place causing shorts or opens.


Similar Part No. - C878AG35800AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C878AG34300AA0J KEMET-C878AG34300AA0J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0K KEMET-C878AG34300AA0K Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0R KEMET-C878AG34300AA0R Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0X KEMET-C878AG34300AA0X Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA1J KEMET-C878AG34300AA1J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
More results

Similar Description - C878AG35800AA0J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com