Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C878AG35500AA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C878AG35500AA0J
Description  Motor Run Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C878AG35500AA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C878AG35500AA0J Datasheet HTML 1Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 2Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 3Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 4Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 5Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 6Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 7Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 8Page - Kemet Corporation C878AG35500AA0J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3063_C87 • 11/20/2015
1
One world. One KEMET
Benefits
• Self-healing
• VDE, CQC and UL810 approved
• Rated frequency of 50 Hz and 60 Hz
• High capacitance density
• Safety device protection
Overview
Polypropylene metallized film with cylindrical aluminium can
type filled with resin; faston, plastic deck or cable terminals and
overpressure safety device.
Applications
Typical applications include motor run P2 safety class: single-
phase motors, low power electric motors and compressors.
Motor Run Capacitors
C87 Series, Cylindrical Aluminum Case, Overpressure
Protection, 420 VAC/470 VAC
Part Number System
C87
8
B
F
3
4300
AA
4
J
Series
Marking
Case & Fixing
Bolt Code
Terminal Style
Capacitance Code
(pF)
Packaging Internal
Use
Tolerance
C87 =
Motor Run
Capacitors
0 = 10,000
hours/420 VAC
(Class B) or 3,000
hours/470 VAC
(Class C)
8 = 30,000
hours/420 VAC
(Class A) or 10,000
hours/470 VAC
(Class B)
C870:
C = Standard
D = UL
Z = Special
C878:
A = Standard
B = UL
Z = Special
F = Cylindrical
aluminum can with
M8 bolt
G = Cylindrical
aluminum can with
M12 bolt
E= Without fixing
bolt/flat bottom
1 = Single faston
2.8 x 0.8 (hole)
2 = Single faston
6.3 x 0.8
3 = Double faston
6.3 x 0.8
4 = Single faston
2.8 x 0.8 (slot)
5 = Single faston
2.8 x 0.5 (hole)
Digits 2-4 indicate
the first three
digits of the
capacitance value.
First digit indicates
the number of
zeros to be added.
AA =
Standard
0, 1, 2,
4, 5 =
Standard
J = 5%
K = 10%
R = 0 to +10%
X = Special
tolerance


Similar Part No. - C878AG35500AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C878AG34300AA0J KEMET-C878AG34300AA0J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0K KEMET-C878AG34300AA0K Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0R KEMET-C878AG34300AA0R Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA0X KEMET-C878AG34300AA0X Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878AG34300AA1J KEMET-C878AG34300AA1J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
More results

Similar Description - C878AG35500AA0J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com