Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161SP103J400V Datasheet(PDF) 11 Page - Kemet Corporation

Part # F161SP103J400V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161SP103J400V Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F161SP103J400V Datasheet HTML 6Page - Kemet Corporation F161SP103J400V Datasheet HTML 7Page - Kemet Corporation F161SP103J400V Datasheet HTML 8Page - Kemet Corporation F161SP103J400V Datasheet HTML 9Page - Kemet Corporation F161SP103J400V Datasheet HTML 10Page - Kemet Corporation F161SP103J400V Datasheet HTML 11Page - Kemet Corporation F161SP103J400V Datasheet HTML 12Page - Kemet Corporation F161SP103J400V Datasheet HTML 13Page - Kemet Corporation F161SP103J400V Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016 11
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Carrier Taping & Packaging (IEC 60286–2)
Horizontal Taping Orientation
EIA Size
Code
Horizontal
Mounting
Size Code
Dimensions in mm
Taping Specification
B
H
L
W
P
1
A
0
B
0
K
0
D
W
1
W
2
Nominal Nominal Nominal
-0/+0.3
+/-0.1
Nominal Nominal Nominal
-/+2.0
-0/+2
Maximum
2220
PP
5.0
3.0
5.7
12.0
8.0
5.5
6.0
3.3
330
12.4
22.0
2220
PU
5.0
4.0
5.7
12.0
8.0
5.5
6.0
4.3
330
12.4
22.0
2824
SL
6.0
3.0
7.3
12.0
8.0
6.5
7.5
3.3
330
12.4
22.0
2824
SP
6.0
3.5
7.3
12.0
8.0
6.5
7.5
3.8
330
12.4
22.0
2824
ST
6.0
4.5
7.3
12.0
8.0
6.5
7.5
4.8
330
12.4
22.0
4036
WP
9.1
5.5
10.2
16.0
16.0
9.5
10.5
5.8
330
16.4
22.0
5045
YR
11.5
6.5
12.7
24.0
16.0
11.9
13.1
6.8
330
24.4
30.0
6560
ZS
15.0
7.0
16.5
24.0
20.0
15.4
16.8
7.3
330
24.4
30.0
D
W 2
W1
Landing
Mounting
Chip Size
Dimensions in mm
A
B
X
Horizontal
2220
5.1
1.5
3.0
2824
6.1
1.5
3.8
4036
9.1
2.0
5.5
5045
11.6
2.5
7.0
6560
15.0
3.0
9.0
Vertical
4022
5.6
2.0
5.5
5026
6.6
2.5
7.0
6528
7.1
3.0
9.0
B


Similar Part No. - F161SP103J400V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161ST105K050V KEMET-F161ST105K050V Datasheet
75Kb / 1P
   F161, Film, Metallized Polyester Stacked, Commercial Grade, 1 uF, 10%, 50 V, 30 V, 85C, 2824, 4.5mm
More results

Similar Description - F161SP103J400V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com