Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4GAHUD4680AA3J Datasheet(PDF) 5 Page - Kemet Corporation

Part # C4GAHUD4680AA3J
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4GAHUD4680AA3J Datasheet(HTML) 5 Page - Kemet Corporation

  C4GAHUD4680AA3J Datasheet HTML 1Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 2Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 3Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 4Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 5Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 6Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 7Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 8Page - Kemet Corporation C4GAHUD4680AA3J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3040_C4G_AXIAL • 4/20/2016
5
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC
Table 1 – Ratings & Part Number Reference cont'd
(1) A = No fire retardant; S = fire retardant (on request)
(2) U = Tape and resin protection; 0 = unprotected (on request)
(3) K = ±10%, J = ±5%
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of
both our capacitors and the production of them.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of
some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers'
obligations to guarantee their products to fulfill these legislative requirements. The only material of concern in our products has
been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of Lead in any
homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode coatings. To
clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible
capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on the label.
Cap Value
(µF)
VDC
VAC Peak
VDC
Maximum
Dimensions
(mm)
Ripple
Current
Peak
Current
ESR
(Maximum) dV/dt
(V/
µs)
Packaging
Quantity
Part Number
D
L
100 kHz
70°C (A)
(A)
100 kHz
(mΩ)
0.15
850
450
1200
10
33
5
32
14.5
210
400
C4G(1)M(2)B3150AA0(3)
0.22
850
450
1200
12
33
7
46
10.3
210
300
C4G(1)M(2)B3220AA0(3)
0.33
850
450
1200
14.5
33
9
69
7.1
210
200
C4G(1)M(2)C3330AA0(3)
0.47
850
450
1200
17
33
9
99
5.4
210
150
C4G(1)M(2)C3470AA0(3)
0.68
850
450
1200
20.5
33
9
143
4.2
210
100
C4G(1)M(2)C3680AA0(3)
1
850
450
1200
20.5
44
9
140
4.7
140
100
C4G(1)M(2)C4100AA1(3)
1.5
850
450
1200
24.5
44
12
210
3.5
140
70
C4G(1)M(2)D4150AA1(3)
2
850
450
1200
28.5
44
12
280
3.1
140
50
C4G(1)M(2)D4200AA1(3)
2.2
850
450
1200
29.5
44
12
308
3
140
50
C4G(1)M(2)D4220AA1(3)
2.5
850
450
1200
31.5
44
12
350
2.9
140
50
C4G(1)M(2)D4250AA1(3)
3
850
450
1200
28
58
12
270
3.6
90
30
C4G(1)M(2)D4300AA3(3)
3.3
850
450
1200
29.5
58
12
297
3.5
90
30
C4G(1)M(2)D4330AA3(3)
4
850
450
1200
32.5
58
12
360
3.2
90
30
C4G(1)M(2)D4400AA3(3)
Capacitance
Value (µF)
VDC
VAC
D (mm) D (mm) L (mm)
Ripple
Current
Peak
Current
ESR
dV/dt
(V/µs)
Packaging
Quantity
Part Number


Similar Part No. - C4GAHUD4680AA3J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GAFUD5100AA1J KEMET-C4GAFUD5100AA1J Datasheet
52Kb / 1P
   C4G, Film, Metallized Polypropylene, Power, 10 uF, 5%, 400 V, 250 V, 70C
More results

Similar Description - C4GAHUD4680AA3J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com