Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161ZP103J250V Datasheet(PDF) 1 Page - Kemet Corporation

Part # F161ZP103J250V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161ZP103J250V Datasheet(HTML) 1 Page - Kemet Corporation

  F161ZP103J250V Datasheet HTML 1Page - Kemet Corporation F161ZP103J250V Datasheet HTML 2Page - Kemet Corporation F161ZP103J250V Datasheet HTML 3Page - Kemet Corporation F161ZP103J250V Datasheet HTML 4Page - Kemet Corporation F161ZP103J250V Datasheet HTML 5Page - Kemet Corporation F161ZP103J250V Datasheet HTML 6Page - Kemet Corporation F161ZP103J250V Datasheet HTML 7Page - Kemet Corporation F161ZP103J250V Datasheet HTML 8Page - Kemet Corporation F161ZP103J250V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
1
One world. One KEMET
Benefits
• Rated voltage: 50 – 630 VDC
• Rated voltage: 30 – 250 VAC
• Capacitance range: 0.01 – 12 µF
• EIA size: 2220 – 6560
• Capacitance tolerance: ±5%, ±10%, ±20%, other tolerances
available on request
• Climatic category: 55/125/56
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof-55˚Cto+125˚C
• Automotive grade options available
Overview
KEMET’sF161Seriespolyester(PET)filmsurfacemount
capacitor is encapsulated in a self-extinguishing material meeting
the requirements of UL 94 V–0. This series meets IEC 60384-
19 standards, as well as the demanding Automotive Electronics
Council'sAEC–Q200qualification.
Applications
Typical applications include bypassing and signal coupling. F161
is a general purpose series designed for the highest reliability.
General Purpose and High Stability
F161 Series Encapsulated Stacked, Size 2220 – 6560,
50 – 630 VDC (Automotive Grade)
Part Number System
F
161
P
P
103
K
050
V
Capacitor
Class
Series
Chip Size
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging Code
F = Film
Metallized
Polyester
Stacked
Technology
P = 2220
S = 2824
W = 4036
Y = 5045
Z = 6560
See Dimension
Table
First two digits indicate the
twomostsignificantdigits
of the capacitance value in
picofarads. The third digit is
the number of following zeros.
J = ±5
K = ±10%
M = ±20%
Other tolerances
on request.
050 = 50
063 = 63
100 = 100
250 = 250
400 = 400
630 = 630
See Ordering
Options Table


Similar Part No. - F161ZP103J250V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161ZS104K630V KEMET-F161ZS104K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS124K630V KEMET-F161ZS124K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.12 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS154K630V KEMET-F161ZS154K630V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.15 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS224K400V KEMET-F161ZS224K400V Datasheet
76Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, General Purpose, 400 VDC@85C
More results

Similar Description - F161ZP103J250V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com