Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161WP103J250V Datasheet(PDF) 2 Page - Kemet Corporation

Part # F161WP103J250V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161WP103J250V Datasheet(HTML) 2 Page - Kemet Corporation

  F161WP103J250V Datasheet HTML 1Page - Kemet Corporation F161WP103J250V Datasheet HTML 2Page - Kemet Corporation F161WP103J250V Datasheet HTML 3Page - Kemet Corporation F161WP103J250V Datasheet HTML 4Page - Kemet Corporation F161WP103J250V Datasheet HTML 5Page - Kemet Corporation F161WP103J250V Datasheet HTML 6Page - Kemet Corporation F161WP103J250V Datasheet HTML 7Page - Kemet Corporation F161WP103J250V Datasheet HTML 8Page - Kemet Corporation F161WP103J250V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
2
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Ordering Options Table
Chip Size
(EIA)
Packaging Type
Packaging
Code
2220
Standard Packaging Options
Tape & Reel (Standard Reel)
V
Bulk (Bag)
A
2824
Standard Packaging Options
Tape & Reel (Standard Reel)
V
Bulk (Bag)
A
4036
Standard Packaging Options
Tape & Reel (Standard Reel)
V
Bulk (Bag)
A
Other Packaging Options
Tape & Reel (Vertical Orientation Standard Reel)
Y
5045
Standard Packaging Options
Tape & Reel (Standard Reel)
V
Bulk (Bag)
A
Other Packaging Options
Tape & Reel (Vertical Orientation Standard Reel)
Y
6560
Standard Packaging Options
Tape & Reel (Standard Reel)
V
Bulk (Bag)
A
Other Packaging Options
Tape & Reel (Vertical Orientation Standard Reel)
Y


Similar Part No. - F161WP103J250V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161WP104K050V KEMET-F161WP104K050V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 50 V, 30 V, 85C, 4036, 5.5mm
F161WP104K250V KEMET-F161WP104K250V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 250 V, 160 V, 85C, 4036, 5.5mm
F161WP105K050V KEMET-F161WP105K050V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 1 uF, 10%, 50 V, 30 V, 85C, 4036, 5.5mm
F161WP105K063V KEMET-F161WP105K063V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 1 uF, 10%, 63 V, 40 V, 85C, 4036, 5.5mm
More results

Similar Description - F161WP103J250V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com