Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C225J3RACAUTO Datasheet(PDF) 9 Page - Kemet Corporation

Part # C0603C225J3RACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C225J3RACAUTO Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C0603C225J3RACAUTO Datasheet HTML 5Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 6Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 7Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 8Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 9Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 10Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 11Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 12Page - Kemet Corporation C0603C225J3RACAUTO Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1023_X7R_AUTO_SMD • 12/2/2016
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2220 Case Sizes)
*Capacitance range includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
Capacitance
Cap
Code
Case Size
/Series
C1210C
C1808C
C1812C
C1825C
C2220C
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10-91pF*
100-910*
J
K
M FB FB FB FB FB FB FB
100-270pF**
101-391** J
K
M FB FB FB FB FB FB FB
330pF
331
J
K
M FB FB FB FB FB FB FB
LF LF LF
390pF
391
J
K
M FB FB FB FB FB FB FB
LF LF LF
470-820pF**
471-821** J
K
M FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,000pF
102
J
K
M FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,200pF
122
J
K
M FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,500pF
152
J
K
M FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
1,800pF
182
J
K
M FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
2,200pF
222
J
K
M FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
2,700pF
272
J
K
M FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
3,300pF
332
J
K
M FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
3,900pF
392
J
K
M FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
4,700pF
472
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GD
5,600pF
562
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GH
6,800pF
682
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB
JE JE JE
8,200pF
822
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB
JE JE JE
10,000pF
103
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB
JE JE JE
12,000pF
123
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB
JE JE JE
Capacitance
Cap Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
Case Size
/Series
C1210C
C1808C
C1812C
C1825C
C2220C
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1206 Case Sizes) cont'd
*Capacitance range includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
Capacitance
Cap
Code
Case Size
/Series
C0402C
C0603C
C0805C
C1206C
Voltage Code 9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
4.7µF
475
J
K
M
EF EF EF EH
5.6µF
565
J
K
M
EH EH EH
6.8µF
685
J
K
M
EH EH EH
8.2µF
825
J
K
M
EH EH EH
10µF
106
J
K
M
EH EH EH
Capacitance
Cap Code
Rated Voltage
(VDC)
Voltage Code 9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
Case Size
/Series
C0402C
C0603C
C0805C
C1206C


Similar Part No. - C0603C225J3RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C225K4PACTU KEMET-C0603C225K4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C225K8PAC KEMET-C0603C225K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0603C225K8PACTU KEMET-C0603C225K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C225K8RACTU KEMET-C0603C225K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 2.2 uF, /-10% Tol, 10 V, X7R, 0603 (1608 metric)
C0603C225K8RACTU KEMET-C0603C225K8RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 10%, 10 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C225J3RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com