Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEQC2560JA0N00 Datasheet(PDF) 8 Page - Kemet Corporation

Part # LDEQC2560JA0N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEQC2560JA0N00 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button LDEQC2560JA0N00 Datasheet HTML 4Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 5Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 6Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 7Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 8Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 9Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 10Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 11Page - Kemet Corporation LDEQC2560JA0N00 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016
8
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip, Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
Table 1 – Ratings & Part Number Reference
(1) K = ±10%, M = ±20%, J = ±5% on request.
(2) Only K and M tolerances available.
VDC
VAC Capacitance
Value (µF)
Size
Code
Chip
Size
Dimensions in mm
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
W
H (max)
L
50
40
0.001
A
1206
1.7
1.1
3.3
100
DECA1100(1)A0N00
LDECA1100(1)A0N00
50
40
0.0012
A
1206
1.7
1.1
3.3
100
DECA1120(1)A0N00
LDECA1120(1)A0N00
50
40
0.0015
C
1812
3.3
1.7
4.7
100
DECC1150(1)A5N00
LDECC1150(1)A5N00
50
40
0.0015
A
1206
1.7
1.1
3.3
100
DECA1150(1)A0N00
LDECA1150(1)A0N00
50
40
0.0018
C
1812
3.3
1.7
4.7
100
DECC1180(1)A5N00
LDECC1180(1)A5N00
50
40
0.0018
A
1206
1.7
1.1
3.3
100
DECA1180(1)A0N00
LDECA1180(1)A0N00
50
40
0.0022
C
1812
3.3
1.7
4.7
100
DECC1220(1)A5N00
LDECC1220(1)A5N00
50
40
0.0022
A
1206
1.7
1.1
3.3
100
DECA1220(1)A0N00
LDECA1220(1)A0N00
50
40
0.0027
C
1812
3.3
1.8
4.7
100
DECC1270(1)A5N00
LDECC1270(1)A5N00
50
40
0.0027
A
1206
1.7
1.1
3.3
100
DECA1270(1)A0N00
LDECA1270(1)A0N00
50
40
0.0033
C
1812
3.3
1.7
4.7
100
DECC1330(1)A5N00
LDECC1330(1)A5N00
50
40
0.0033
A
1206
1.7
1.2
3.3
100
DECA1330(1)A0N00
LDECA1330(1)A0N00
50
40
0.0039
C
1812
3.3
1.7
4.7
100
DECC1390(1)A5N00
LDECC1390(1)A5N00
50
40
0.0039
A
1206
1.7
1.1
3.3
100
DECA1390(1)A0N00
LDECA1390(1)A0N00
50
40
0.0047
C
1812
3.3
1.8
4.7
100
DECC1470(1)A5N00
LDECC1470(1)A5N00
50
40
0.0047
A
1206
1.7
1.1
3.3
100
DECA1470(1)A0N00
LDECA1470(1)A0N00
50
40
0.0056
C
1812
3.3
1.7
4.7
100
DECC1560(1)A5N00
LDECC1560(1)A5N00
50
40
0.0056
A
1206
1.7
1.1
3.3
100
DECA1560(1)A0N00
LDECA1560(1)A0N00
50
40
0.0068
C
1812
3.3
1.7
4.7
100
DECC1680(1)A5N00
LDECC1680(1)A5N00
50
40
0.0068
A
1206
1.7
1.1
3.3
100
DECA1680(1)A0N00
LDECA1680(1)A0N00
50
40
0.0082
C
1812
3.3
1.8
4.7
100
DECC1820(1)A5N00
LDECC1820(1)A5N00
50
40
0.0082
A
1206
1.7
1.1
3.3
100
DECA1820(1)A0N00
LDECA1820(1)A0N00
50
40
0.01
C
1812
3.3
1.7
4.7
100
DECC2100(1)A5N00
LDECC2100(1)A5N00
50
40
0.01
A
1206
1.7
1.1
3.3
100
DECA2100(1)A0N00
LDECA2100(1)A0N00
50
40
0.012
C
1812
3.3
1.7
4.7
100
DECC2120(1)A5N00
LDECC2120(1)A5N00
50
40
0.012
A
1206
1.7
1.1
3.3
100
DECA2120(1)A0N00
LDECA2120(1)A0N00
50
40
0.015
C
1812
3.3
1.7
4.7
100
DECC2150(1)A5N00
LDECC2150(1)A5N00
50
40
0.015
A
1206
1.7
1.2
3.3
100
DECA2150(1)A0N00
LDECA2150(1)A0N00
50
40
0.018
C
1812
3.3
1.8
4.7
100
DECC2180(1)A5N00
LDECC2180(1)A5N00
50
40
0.018
A
1206
1.7
1.1
3.3
100
DECA2180(1)A0N00
LDECA2180(1)A0N00
50
40
0.022
C
1812
3.3
1.7
4.7
100
DECC2220(1)A5N00
LDECC2220(1)A5N00
50
40
0.022
A
1206
1.7
1.1
3.3
100
DECA2220(1)A0N00
LDECA2220(1)A0N00
50
40
0.027
C
1812
3.3
1.7
4.7
100
DECC2270(1)A5N00
LDECC2270(1)A5N00
50
40
0.027
A
1206
1.7
1.1
3.3
100
DECA2270(1)A0N00
LDECA2270(1)A0N00
50
40
0.033
C
1812
3.3
1.8
4.7
100
DECC2330(1)A5N00
LDECC2330(1)A5N00
50
40
0.033
B
1210
2.5
2.0
3.3
100
DECB2330(1)A0N00
LDECB2330(1)A0N00
50
40
0.033
A
1206
1.7
1.2
3.3
100
DECA2330(2)A0N00
LDECA2330(2)A0N00
50
40
0.039
C
1812
3.3
1.7
4.7
100
DECC2390(1)A5N00
LDECC2390(1)A5N00
50
40
0.039
B
1210
2.5
2.1
3.3
100
DECB2390(1)A0N00
LDECB2390(1)A0N00
50
40
0.047
C
1812
3.3
1.7
4.7
100
DECC2470(1)A5N00
LDECC2470(1)A5N00
50
40
0.047
B
1210
2.5
2.1
3.3
100
DECB2470(1)A0N00
LDECB2470(1)A0N00
50
40
0.056
C
1812
3.3
1.7
4.7
100
DECC2560(1)A5N00
LDECC2560(1)A5N00
50
40
0.056
B
1210
2.5
1.7
3.3
100
DECB2560(1)A0N00
LDECB2560(1)A0N00
50
40
0.068
C
1812
3.3
1.8
4.7
100
DECC2680(1)A5N00
LDECC2680(1)A5N00
50
40
0.068
B
1210
2.5
2.0
3.3
100
DECB2680(1)A0N00
LDECB2680(1)A0N00
50
40
0.082
C
1812
3.3
2.1
4.7
100
DECC2820(1)A5N00
LDECC2820(1)A5N00
50
40
0.082
B
1210
2.5
2.1
3.3
100
DECB2820(1)A0N00
LDECB2820(1)A0N00
50
40
0.1
C
1812
3.3
2.4
4.7
100
DECC3100(1)A5N00
LDECC3100(1)A5N00
50
40
0.1
B
1210
2.5
2.1
3.3
100
DECB3100(1)A0N00
LDECB3100(1)A0N00
50
40
0.12
C
1812
3.3
1.7
4.7
100
DECC3120(1)A5N00
LDECC3120(1)A5N00
50
40
0.15
C
1812
3.3
1.9
4.7
100
DECC3150(1)A5N00
LDECC3150(1)A5N00
50
40
0.18
C
1812
3.3
2.2
4.7
100
DECC3180(1)A5N00
LDECC3180(1)A5N00
50
40
0.22
C
1812
3.3
2.4
4.7
100
DECC3220(1)A5N00
LDECC3220(1)A5N00
50
40
0.27
D
2220
5.0
1.9
6.0
100
DECD3270(1)A5N00
LDECD3270(1)A5N00
50
40
0.33
D
2220
5.0
1.9
6.0
100
DECD3330(1)A5N00
LDECD3330(1)A5N00
50
40
0.39
D
2220
5.0
2.1
6.0
100
DECD3390(1)A5N00
LDECD3390(1)A5N00
50
40
0.47
D
2220
5.0
2.4
6.0
100
DECD3470(1)A5N00
LDECD3470(1)A5N00
50
40
0.56
D
2220
5.0
2.8
6.0
100
DECD3560(1)A5N00
LDECD3560(1)A5N00
50
40
0.68
D
2220
5.0
3.3
6.0
100
DECD3680(1)A5N00
LDECD3680(1)A5N00
VDC
VAC
Capacitace Value
(µF)
Size
Code
Chip Size
W
(mm)
H
(mm)
L
(mm)
dV/dt
(V/μs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - LDEQC2560JA0N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEQD1100KA5N00 KEMET-LDEQD1100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 1000 pF, 10%, 1,000 V, 250 V, 125C, 2220, 1.9mm
LDEQD1220KA5N00 KEMET-LDEQD1220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 2200 pF, 10%, 1,000 V, 250 V, 125C, 2220, 2mm
LDEQD1330KA5N00 KEMET-LDEQD1330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 3300 pF, 10%, 1,000 V, 250 V, 125C, 2220, 2.6mm
LDEQE2100KA5N00 KEMET-LDEQE2100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.01 uF, 10%, 1,000 V, 250 V, 125C, 2824, 3.4mm
LDEQF2220KA5N00 KEMET-LDEQF2220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 1,000 V, 250 V, 125C, 4030, 3.4mm
More results

Similar Description - LDEQC2560JA0N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com