Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C225K4RACAUTO Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1206C225K4RACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C225K4RACAUTO Datasheet(HTML) 5 Page - Kemet Corporation

  C1206C225K4RACAUTO Datasheet HTML 1Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 2Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 3Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 4Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 5Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 6Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 7Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 8Page - Kemet Corporation C1206C225K4RACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1023_X7R_AUTO_SMD • 12/2/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Automotive Grade)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
OperatingTemperatureRange
−55°Cto+125°C
CapacitanceChangewithReferenceto
+25°Cand0VdcApplied(TCC)
±15%
1
AgingRate(Maximum%CapacitanceLoss/DecadeHour)
3.0%
2
DielectricWithstandingVoltage(DWV)
250%ofratedvoltage
(5±1secondsandcharge/dischargenotexceeding50mA)
3
DissipationFactor(DF)MaximumLimitat25°C
5%(6.3V&10V),3.5%(16V&25V)and2.5%(50Vto250V)
4
InsulationResistance(IR)MinimumLimitat25°C
SeeInsulationResistanceLimitTable
(Ratedvoltageappliedfor120±5secondsat25°C)
1
Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours.
2
DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the
capacitor.
3
Capacitance and dissipation factor (DF) measured under the following conditions:
1kHz ± 50Hz and 1.0 ± 0.2 Vrms if capacitance ≤10µF
120Hz ± 10Hz and 0.5 ± 0.1 Vrms if capacitance >10µF
4
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 & Agilent E4980 have a feature known as
Automatic Level Control (ALC). The ALC feature should be switched to "ON".


Similar Part No. - C1206C225K4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C225K4RAC KEMET-C1206C225K4RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
logo
NXP Semiconductors
C1206C225K4RAC NXP-C1206C225K4RAC Datasheet
1Mb / 32P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 3/2009
C1206C225K4RAC NXP-C1206C225K4RAC Datasheet
474Kb / 16P
   RF Power LDMOS Transistor
Rev. 1, 1/2013
logo
Kemet Corporation
C1206C225K4RACTU KEMET-C1206C225K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 10%, 16 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C225K4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com