Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F125PP102G250V Datasheet(PDF) 10 Page - Kemet Corporation

Part # F125PP102G250V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125PP102G250V Datasheet(HTML) 10 Page - Kemet Corporation

Back Button F125PP102G250V Datasheet HTML 6Page - Kemet Corporation F125PP102G250V Datasheet HTML 7Page - Kemet Corporation F125PP102G250V Datasheet HTML 8Page - Kemet Corporation F125PP102G250V Datasheet HTML 9Page - Kemet Corporation F125PP102G250V Datasheet HTML 10Page - Kemet Corporation F125PP102G250V Datasheet HTML 11Page - Kemet Corporation F125PP102G250V Datasheet HTML 12Page - Kemet Corporation F125PP102G250V Datasheet HTML 13Page - Kemet Corporation F125PP102G250V Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016 10
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Soldering Process
Reflow soldering temperature is measured on the top surface
of the component: Preheating temperature should be less than
170°C. The time above 217°C should be less than 50 seconds.
The peak temperature must not exceed 260°C.
Marking
• Capacitance
• Capacitance tolerance code
• Rated voltage code
• Capacitor type S for SMC
• Manufacturing date code
Rated Voltage
Code
50 VDC
Z
100 VDC
D
250 VDC
H
400 VDC
K
Manufacturing Date Code (IEC 60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M


Similar Part No. - F125PP102G250V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125PP102G250V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com