Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEQC2560JA5N00 Datasheet(PDF) 2 Page - Kemet Corporation

Part # LDEQC2560JA5N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEQC2560JA5N00 Datasheet(HTML) 2 Page - Kemet Corporation

  LDEQC2560JA5N00 Datasheet HTML 1Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 2Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 3Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 4Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 5Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 6Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 7Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 8Page - Kemet Corporation LDEQC2560JA5N00 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016
2
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip, Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
Ordering Options Table
Packaging Type
Packaging
Code
Standard Packaging Options
Tape and Reel (Standard Reel)
N
Dimensions – Millimeters
L
B
W
H
Size Code
Chip Size
(EIA)
W
H
(Maximum)
L
B
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
A
1206
1.7
+/−0.2
See Part Number Table
3.3
+0.3/−0.1
0.5
+0.5/−0.3
B
1210
2.5
+/−0.3
3.3
+0.3/−0.1
0.5
+0.5/−0.3
C
1812
3.3
+/−0.3
4.7
+0.3/−0.2
0.5
+0.5/−0.3
D
2220
5.0
+/−0.4
6.0
+/−0.3
0.5
+0.5/−0.3
E
2824
6.1
+/−0.4
7.3
+/−0.4
0.5
+0.5/−0.3
F
4030
7.9
+/−0.5
10.5
+/−0.4
0.5
+0.5/−0.3
G
5040
10.4
+/−0.5
13.0
+/−0.4
0.5
+0.5/−0.3
H
6054
13.7
+/−0.5
15.5
+/−0.4
0.5
+0.5/−0.3


Similar Part No. - LDEQC2560JA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEQD1100KA5N00 KEMET-LDEQD1100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 1000 pF, 10%, 1,000 V, 250 V, 125C, 2220, 1.9mm
LDEQD1220KA5N00 KEMET-LDEQD1220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 2200 pF, 10%, 1,000 V, 250 V, 125C, 2220, 2mm
LDEQD1330KA5N00 KEMET-LDEQD1330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 3300 pF, 10%, 1,000 V, 250 V, 125C, 2220, 2.6mm
LDEQE2100KA5N00 KEMET-LDEQE2100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.01 uF, 10%, 1,000 V, 250 V, 125C, 2824, 3.4mm
LDEQF2220KA5N00 KEMET-LDEQF2220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 1,000 V, 250 V, 125C, 4030, 3.4mm
More results

Similar Description - LDEQC2560JA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com