Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0630C104M1GECAUTO Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0630C104M1GECAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0630C104M1GECAUTO Datasheet(HTML) 2 Page - Kemet Corporation

  C0630C104M1GECAUTO Datasheet HTML 1Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 2Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 3Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 4Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 5Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 6Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 7Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 8Page - Kemet Corporation C0630C104M1GECAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1091_C0G_ESD • 12/5/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ESD, C0G Dielectric, 25 – 200 VDC (Commercial & Automotive Grade)
Benefits (cont'd)
• Preferredcapacitancesolutionatlinefrequenciesand
intotheMHzrange
• NocapacitancechangeswithrespecttoappliedDC
voltage
• Negligiblecapacitancechangewithrespecttotemperature
from−55°Cto+125°C
• Nocapacitancedecaywithtime
• Non-polardevices,minimizinginstallationconcerns
• 100%puremattetin-platedterminationfinishallowingfor
excellentsolderability
• Flexible Termination option available
• EIA0805and1206CaseSizesUnderDevelopment
Applications
Typicalapplicationsinclude:ESD(Electrostaticdischarge),IntegratedCircuit(IC)Protection,RFfilteringfunction,inputand
outputautomotiveapplicationslike:controllers,navigationsystems,airbagsandkeylesssystems
Table 1 – Capacitance Range/Selection Waterfall (0603 Case Size)
Capacitance
Cap Code
Case Size/
Series
C0603C
Rated Voltage (VDC)
25
50
63
100
200
Voltage Code
3
5
M
1
2
Cap Tolerance
ESD Level per AEC–Q200
1.0nF
102
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
6KV
6KV
6KV
6KV
6KV
1.5nF
152
8KV
8KV
8KV
8KV
8KV
2.2nF
222
12KV 12KV 12KV 12KV 12KV
3.3nF
332
16KV 16KV 16KV 16KV
4.7nF
472
16KV 16KV 16KV 16KV
6.8nF
682
25KV 25KV
10nF
103
25KV
15nF
153
25KV


Similar Part No. - C0630C104M1GECAUTO

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
   COMPUTER CABLE
More results

Similar Description - C0630C104M1GECAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com