Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDC2560MA5N00 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDEDC2560MA5N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDC2560MA5N00 Datasheet(HTML) 1 Page - Kemet Corporation

  LDEDC2560MA5N00 Datasheet HTML 1Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 2Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 3Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 4Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 5Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 6Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 7Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 8Page - Kemet Corporation LDEDC2560MA5N00 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016
1
One world. One KEMET
Benefits
• Rated voltage: 50 – 1,000 VDC
• Rated voltage: 40 – 250 VAC
• Capacitance range: 0.001 – 4.7 µF
• EIA size: 1206 – 6054
• Capacitance tolerance: ±10%, ±20%, ±5% on request
• Climatic category: 55/125/56
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−55˚Cto+125˚C
• Automotive (AEC–Q200) grades available
Overview
Polyethylenenaphthalate(PEN)filmcapacitorforsurface
mounting which meets the demanding Automotive
ElectronicsCouncil'sAEC–Q200qualificationrequirements.
Applications
Typicalapplicationsincludefiltering,timing,bypassingand
coupling. LDE is a general purpose series designed for the
highest reliability and high temperature service. Not suitable
for across-the-line application (see suppressor capacitors).
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip,
Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
Part Number System
LDE
C
C
2560
M
A
5
N
00
Series
Rated Voltage
(VDC)
Size Code
Capacitance Code (pF) Capacitance
Tolerance
Dielectric
Version
Packaging
Internal Use
Metallized
PEN
C = 50
D = 63
E = 100
I = 250
M = 400
P = 630
Q = 1000
See
Dimension
Table
Digits 2 – 4 indicate
thefirstthreedigits
of the capacitance
value.
First digit indicates
the number of zeros
to be added.
K = ±10%
M = ±20%
J = ±5% on
request
A = PEN
5 = Standard
0 = Miniature
See Ordering
Options
Table
00
(Standard)


Similar Part No. - LDEDC2560MA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDC2560 ETC1-LDEDC2560 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEDC2560-A5 KEMET-LDEDC2560-A5 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
More results

Similar Description - LDEDC2560MA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com