Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEIC2560KA5N00 Datasheet(PDF) 3 Page - Kemet Corporation

Part # LDEIC2560KA5N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEIC2560KA5N00 Datasheet(HTML) 3 Page - Kemet Corporation

  LDEIC2560KA5N00 Datasheet HTML 1Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 2Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 3Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 4Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 5Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 6Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 7Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 8Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016
3
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip, Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
Performance Characteristics
Rated Voltage (VDC)
50
63
100
250
400
630
1000
Rated Voltage (VAC)
40
40
63
120
160
200
250
CapacitanceRange(μF)
0.001 – 4.7
0.001 – 4.7
0.001 – 4.7
0.001 – 1.5
0.015 – 0.47
0.001 – 0.27
0.001 – 0.1
Chip Size (EIA)
1206 – 6054
Capacitance Values
E12 series
Capacitance Tolerance
±10%, ±20%, ±5% on request
Category Temperature
Range
−55°Cto+125°C
Rated Temperature
+105°C
Voltage Derating
Vc(categoryvoltage)=Vr(ratedvoltage)upto105°C.Vcisdecreasedwith1.25%/°Cfrom+105°Cto+125°C
Climatic Category
55/125/56
Capacitance Drift
Maximum3%(sizes≤22.20)aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelative
humidity of 40% to 60%
Maximum2%(sizes>22.20)aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelative
humidity of 40% to 60%
Reliability
(Reference MIL-HDBK-217)
Failurerate≤1FIT,T=+40°C,V=0.5xV
R
1 FIT = 10-9 failures / (components * hours)
Failure criteria: open or short circuit, cap. change > 10%, DF 2 times the catalog limits, IR < 0.005 x initial limit
Insulation Resistance
Measuredat+25°C±5°C
Minimum Value Between Terminals
C≤0.33µF
1,000MΩ
C > 0.33 µF
400MΩ•µF
Charging time: 1 minute
Charging voltage:
10 V
DC for VR < 100 VDC
100 V
DC for VR≥100VDC
Dissipation Factor
MaximumValuesat25°C±5°C
1 kHz
0.8%
Surge Voltage Test
1.4 x V
R(2seconds;T=25±5°C)forVR≤630VDC
1.5 x V
R(2seconds;T=25±5°C)forVR = 1,000 VDC
Maximum dv/dt
100 V/us for V
R≤630VDC
300 V/us for V
R = 1,000 VDC
Qualification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.


Similar Part No. - LDEIC2560KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEIC2100 ETC1-LDEIC2100 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEIC2100KA5N00 KEMET-LDEIC2100KA5N00 Datasheet
59Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.01 uF, 10%, 250 V, 120 VAC, 125C, 1812, 1.7mm
logo
List of Unclassifed Man...
LDEIC2120 ETC1-LDEIC2120 Datasheet
499Kb / 8P
   PEN-PET H.T
LDEIC2150 ETC1-LDEIC2150 Datasheet
499Kb / 8P
   PEN-PET H.T
LDEIC2180 ETC1-LDEIC2180 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEIC2560KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com