Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDECC2560MA5N00 Datasheet(PDF) 10 Page - Kemet Corporation

Part # LDECC2560MA5N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDECC2560MA5N00 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button LDECC2560MA5N00 Datasheet HTML 6Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 7Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 8Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 9Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 10Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 11Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 12Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 13Page - Kemet Corporation LDECC2560MA5N00 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016 10
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip, Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
VDC
VAC Capacitance
Value (µF)
Size
Code
Chip
Size
Dimensions in mm
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
W
H (max)
L
63
40
0.047
B
1210
2.5
2.1
3.3
100
DEDB2470(1)A0N00
LDEDB2470(1)A0N00
63
40
0.056
C
1812
3.3
1.7
4.7
100
DEDC2560(1)A5N00
LDEDC2560(1)A5N00
63
40
0.056
B
1210
2.5
1.7
3.3
100
DEDB2560(1)A0N00
LDEDB2560(1)A0N00
63
40
0.068
C
1812
3.3
1.8
4.7
100
DEDC2680(1)A5N00
LDEDC2680(1)A5N00
63
40
0.068
B
1210
2.5
2.0
3.3
100
DEDB2680(1)A0N00
LDEDB2680(1)A0N00
63
40
0.082
C
1812
3.3
2.1
4.7
100
DEDC2820(1)A5N00
LDEDC2820(1)A5N00
63
40
0.082
B
1210
2.5
2.1
3.3
100
DEDB2820(1)A0N00
LDEDB2820(1)A0N00
63
40
0.1
C
1812
3.3
2.4
4.7
100
DEDC3100(1)A5N00
LDEDC3100(1)A5N00
63
40
0.1
B
1210
2.5
2.1
3.3
100
DEDB3100(1)A0N00
LDEDB3100(1)A0N00
63
40
0.12
C
1812
3.3
1.7
4.7
100
DEDC3120(1)A5N00
LDEDC3120(1)A5N00
63
40
0.15
C
1812
3.3
1.9
4.7
100
DEDC3150(1)A5N00
LDEDC3150(1)A5N00
63
40
0.18
C
1812
3.3
2.2
4.7
100
DEDC3180(1)A5N00
LDEDC3180(1)A5N00
63
40
0.22
C
1812
3.3
2.4
4.7
100
DEDC3220(1)A5N00
LDEDC3220(1)A5N00
63
40
0.27
D
2220
5.0
1.9
6.0
100
DEDD3270(1)A5N00
LDEDD3270(1)A5N00
63
40
0.33
D
2220
5.0
1.9
6.0
100
DEDD3330(1)A5N00
LDEDD3330(1)A5N00
63
40
0.39
D
2220
5.0
2.1
6.0
100
DEDD3390(1)A5N00
LDEDD3390(1)A5N00
63
40
0.47
D
2220
5.0
2.4
6.0
100
DEDD3470(1)A5N00
LDEDD3470(1)A5N00
63
40
0.56
D
2220
5.0
2.8
6.0
100
DEDD3560(1)A5N00
LDEDD3560(1)A5N00
63
40
0.68
D
2220
5.0
3.3
6.0
100
DEDD3680(1)A5N00
LDEDD3680(1)A5N00
63
40
0.82
E
2824
6.1
2.9
7.3
100
DEDE3820(1)A5N00
LDEDE3820(1)A5N00
63
40
0.82
D
2220
5.0
3.7
6.0
100
DEDD3820(1)A0N00
LDEDD3820(1)A0N00
63
40
1.0
E
2824
6.1
3.1
7.3
100
DEDE4100(1)A5N00
LDEDE4100(1)A5N00
63
40
1.0
D
2220
5.0
4.4
6.0
100
DEDD4100(1)A0N00
LDEDD4100(1)A0N00
63
40
1.2
E
2824
6.1
3.6
7.3
100
DEDE4120(1)A5N00
LDEDE4120(1)A5N00
63
40
1.5
G
5040
10.4
3.1
13.0
100
DEDG4150(1)A5N00
LDEDG4150(1)A5N00
63
40
1.5
E
2824
6.1
4.3
7.3
100
DEDE4150(1)A0N00
LDEDE4150(1)A0N00
63
40
1.8
G
5040
10.4
3.4
13.0
100
DEDG4180(1)A5N00
LDEDG4180(1)A5N00
63
40
1.8
E
2824
6.1
5.1
7.3
100
DEDE4180(1)A0N00
LDEDE4180(1)A0N00
63
40
2.2
G
5040
10.4
4.1
13.0
100
DEDG4220(1)A5N00
LDEDG4220(1)A5N00
63
40
2.2
F
4030
7.9
3.3
10.5
100
DEDF4220(1)A0N00
LDEDF4220(1)A0N00
63
40
2.7
G
5040
10.4
4.9
13.0
100
DEDG4270(1)A5N00
LDEDG4270(1)A5N00
63
40
2.7
F
4030
7.9
4.0
10.5
100
DEDF4270(1)A0N00
LDEDF4270(1)A0N00
63
40
3.3
H
6054
13.7
3.9
15.5
100
DEDH4330(1)A5N00
LDEDH4330(1)A5N00
63
40
3.3
F
4030
7.9
4.7
10.5
100
DEDF4330(1)A0N00
LDEDF4330(1)A0N00
63
40
3.9
H
6054
13.7
4.5
15.5
100
DEDH4390(1)A5N00
LDEDH4390(1)A5N00
63
40
3.9
F
4030
7.9
5.5
10.5
100
DEDF4390(1)A0N00
LDEDF4390(1)A0N00
63
40
4.7
H
6054
13.7
5.3
15.5
100
DEDH4470(1)A5N00
LDEDH4470(1)A5N00
63
40
4.7
G
5040
10.4
4.1
13.0
100
DEDG4470(1)A0N00
LDEDG4470(1)A0N00
100
63
0.001
A
1206
1.7
1.1
3.3
100
DEEA1100(1)A0N00
LDEEA1100(1)A0N00
100
63
0.0012
A
1206
1.7
1.1
3.3
100
DEEA1120(1)A0N00
LDEEA1120(1)A0N00
100
63
0.0015
C
1812
3.3
1.7
4.7
100
DEEC1150(1)A5N00
LDEEC1150(1)A5N00
100
63
0.0015
A
1206
1.7
1.1
3.3
100
DEEA1150(1)A0N00
LDEEA1150(1)A0N00
100
63
0.0018
C
1812
3.3
1.7
4.7
100
DEEC1180(1)A5N00
LDEEC1180(1)A5N00
100
63
0.0018
A
1206
1.7
1.1
3.3
100
DEEA1180(1)A0N00
LDEEA1180(1)A0N00
100
63
0.0022
C
1812
3.3
1.7
4.7
100
DEEC1220(1)A5N00
LDEEC1220(1)A5N00
100
63
0.0022
A
1206
1.7
1.1
3.3
100
DEEA1220(1)A0N00
LDEEA1220(1)A0N00
100
63
0.0027
C
1812
3.3
1.8
4.7
100
DEEC1270(1)A5N00
LDEEC1270(1)A5N00
100
63
0.0027
A
1206
1.7
1.1
3.3
100
DEEA1270(1)A0N00
LDEEA1270(1)A0N00
100
63
0.0033
C
1812
3.3
1.7
4.7
100
DEEC1330(1)A5N00
LDEEC1330(1)A5N00
100
63
0.0033
A
1206
1.7
1.2
3.3
100
DEEA1330(1)A0N00
LDEEA1330(1)A0N00
100
63
0.0039
C
1812
3.3
1.7
4.7
100
DEEC1390(1)A5N00
LDEEC1390(1)A5N00
100
63
0.0039
A
1206
1.7
1.1
3.3
100
DEEA1390(1)A0N00
LDEEA1390(1)A0N00
100
63
0.0047
C
1812
3.3
1.8
4.7
100
DEEC1470(1)A5N00
LDEEC1470(1)A5N00
100
63
0.0047
A
1206
1.7
1.1
3.3
100
DEEA1470(1)A0N00
LDEEA1470(1)A0N00
100
63
0.0056
C
1812
3.3
1.7
4.7
100
DEEC1560(1)A5N00
LDEEC1560(1)A5N00
100
63
0.0056
A
1206
1.7
1.1
3.3
100
DEEA1560(1)A0N00
LDEEA1560(1)A0N00
100
63
0.0068
C
1812
3.3
1.7
4.7
100
DEEC1680(1)A5N00
LDEEC1680(1)A5N00
100
63
0.0068
A
1206
1.7
1.1
3.3
100
DEEA1680(1)A0N00
LDEEA1680(1)A0N00
100
63
0.0082
C
1812
3.3
1.8
4.7
100
DEEC1820(1)A5N00
LDEEC1820(1)A5N00
VDC
VAC
Capacitace Value
(µF)
Size
Code
Chip Size
W
(mm)
H
(mm)
L
(mm)
dV/dt
(V/μs)
New KEMET
Part Number
Legacy Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) K = ±10%, M = ±20%, J = ±5% on request.
(2) Only K and M tolerances available.


Similar Part No. - LDECC2560MA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDECC2560 ETC1-LDECC2560 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDECC2560MA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com