Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 5 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 5 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
5
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Lead Configurations
Straight Leads
Inside Kink
Outside Kink
Фd
0.6 or 0.8
L
30 - 3 or 10 ± 1
F
5
7.5
10
12.5
e
3.0 mm Maximum
Фd
0.6 or 0.8
F
7.5
10
12.5
A
4.0 ± 1.5
5.0 ± 1.5
6.0 ± 1.5
L
3.0 mm Minimum
Tolerance: 1.0 mm absolute
Фd
0.6
0.6 or 0.8
F
5.0
7.5
7.5
10.0
12.5
A
5.0
5.0
6.0
6.0
6.0
5 mm to 7.5 mm
Snap-In Leads
Vertical Crimp
Фd
0.6
B
D - 9: 6.8 ± 0.7 D >9: 7.5 ± 0.7
L
2.0 mm Minimum
Tolerance: 2.0 mm absolute
Фd
0.6
0.8
F
7.5 / 10 / 12.5
7.5 / 10 / 12.5
L
2.8 mm Minimum
3.5 mm
Minimum
H
2.6
3.3
P1
1.25
1.65
P2
1.65
1.95
A
D - 8: 6.0 ± 1.5 D > 8: 7.0 ± 1.5
F
7.5
10
12.5
D
0.6
0.8
0.8
A
4.5
Maximum
6.0
Maximum
6.0
Maximum
L
2.8
Minimum
1.5
absolute
3.0
Minimum
2.0
absolute
3.0
Minimum
2.0
absolute


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn