Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 4 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 4 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
4
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Benefits
• Safety Standard Recognized (IEC 60384–14)
• Reliable operation up to 125°C
• Class X1/Y2
• 5.0 mm, 7.5 mm, 10 mm and 12.5 mm lead spacing
• RoHS compliant
• Capacitance offerings ranging from 33 pF up to 4.7 nF
• Available capacitance tolerances of ±10% and ±20%
• High reliability
• Preformed (crimped) or straight lead configurations
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94V–0
Applications
Typical applications include line-to-line (Class X) filtering, line-to-ground (Class Y) filtering, antenna coupling, primary and
secondary coupling (switching power supplies) and line disturbances suppression (motors and motor controls, relays,
switching power supplies and invertors).
Approval Standard and Certification Number
These devices are VDE/ENEC recognized for antenna coupling and AC line-to-line (Class X) and line-to-ground (Class Y) applications per IEC60384–14.
Environmental Compliance
These devices are RoHS Compliant. They meet all requirements set forth by both EU and China RoHS directives.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn