Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 2 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 2 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
2
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Packaging C-Spec Ordering Options Tables
Bulk Packaging
LEAD LENGTH L
LEAD DIAMETER D
LEAD SPACING F
Straight leads
5 mm
7.5 mm
10 mm
12.5 mm
30 mm – 3 mm
0.6 mm
BF0
CF0
DF0
EF0
0.8 mm
CJ0
DJ0
EJ0
10 mm ± 1 mm
0.6 mm
BD0
CD0
DD0
ED0
0.8 mm
CH0
DH0
EH0
6 mm – 1 mm
0.6 mm/0.8 mm
BB0
CB0
DB0
EB0
Preformed leads inside crimp
30 mm – 3 mm
0.6 mm
CFG
DFG
EFG
0.8 mm
CJG
DJG
EJG
Preformed leads outside crimp
5 mm ± 1 mm
0.6 mm
TA0
TC0
TE0
TG0
0.8 mm
TD0
TF0
TH0
Preformed leads snap-in
Minimum 2.8 mm
0.6 mm
QC0
QE0
QG0
Minimum 3.5 mm
0.8 mm
QD0
QF0
QH0
Inline wire
Minimum 2.8 mm + 1.5 mm
0.6 mm
YA0
YC0
YE0
YG0
Minimum 3.0 mm + 2.0 mm
0.8 mm
YB0
YD0
YF0
YH0
Reel Packaging Component Pitch 12.7 mm1,2
TAPING P
TAPING T
TAPING U
Lead diameter 0.6 mm
H = 16.5 mm
H = 18.0 mm straight leads only
H0 = 16.0 mm preformed leads only
H = 20.0 mm
Lead spacing F
5 mm
7.5 mm
5 mm
7.5 mm
5 mm
7.5 mm
Body diameter D
Valid for ≤ 12 mm standard (> 12 mm to ≤ 13 mm on request)
Straight leads
BRE
CRE
BRA
CRA
BRC
CRC
Preformed leads inside crimp
CRB
Preformed leads outside crimp
TAR
TCR
Preformed leads 7.5 mm to 5
mm
UAR
Preformed leads snap-in
QCR
Inline wire
YBR
YCR
1
When requiring the 12.7 mm pitch option, 5 mm and 7.5 mm lead spacing is only available for body diameters less than or equal to 12 mm. See Product
Ordering Codes and Ratings (Table 1) for Body Diameter.
2
10 mm and 12.5 mm lead spacing options are not available in 12.7 mm pitch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn