Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 1 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
1
One world. One KEMET
Overview
KEMET’s ERK610 series encapsulated radial leaded
ceramic disc capacitors are specifically designed for
interference-suppression AC line filtering applications. Hav-
ing internationally recognized safety certifications, these
capacitors are well-suited for applications that require
keeping potentially disruptive or damaging line transients
and EMI out of susceptible equipment. They are also an
ideal solution when needing to suppress line disturbances
at the source.
Safety Certified Capacitors are classified as either X and/
or Y capacitors. Class X capacitors are primarily used in
line-to line (across-the-line) applications. In this application
there is no danger of electric shock to humans should the
capacitor fail, but could result in a risk of fire. The class Y
capacitor is primarily used in line-to-ground (line by-pass)
applications. In this application, failure of the capacitor
could lead to danger of electric shock.
With a working voltage of 440 VAC in line-to-line (Class X)
and 300 VAC in line-to-ground (Class Y) applications, these
safety capacitors meet the impulse test criteria outlined in
IEC Standard 60384. Meeting subclass X1 and Y2 require-
ments, these devices are certified to withstand impulses up
to 4 KV (X1) and 5 KV (Y2) respectively. These encapsulated
devices also meet the flame test requirements outlined in UL
Standard 94V-0.
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series,
Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Ordering Information
ERK610
Z
102
K
CF0
Ceramic
Series
Voltage Rating
(Safety Subclass Rating)
Capacitance
Code (pF)
Capacitance
Tolerance
Lead configuration/
Packaging Code
ERK610
Z = X1 440 VAC/Y2 300 VAC
Two significant digits and Number
of zeroes
K = ±10%
M = ±20%
*See Packaging Options
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn